Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6911 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce FDS6911
Description  Fast switching speed, Low gate charge
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FDS6911 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  FDS6911 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 4Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 5Page - List of Unclassifed Manufacturers FDS6911 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS6911 Rev A(W)
www.fairchildsemi.com
Typical Characteristics
0
2
4
6
8
10
0
4
8
12
16
20
Qg, GATE CHARGE (nC)
ID = 7.5A
VDS = 10V
15V
20V
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100μs
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 135°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 135°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDS6911

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6911 FAIRCHILD-FDS6911 Datasheet
115Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
FDS6911 FAIRCHILD-FDS6911_11 Datasheet
200Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET 20V, 7.5A, 13m廓
More results

Description similaire - FDS6911

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Power Electron...
AP4519GED A-POWER-AP4519GED Datasheet
100Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP4523GD A-POWER-AP4523GD Datasheet
99Kb / 7P
   Low Gate Charge, Fast Switching Speed, PDIP-8 Package
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
   Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
   Low Gate Charge, Fast Switching Performance
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com