Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FST16212 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FST16212
Description  24-Bit Bus Exchange Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16212 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FST16212 Datasheet HTML 1Page - Fairchild Semiconductor FST16212 Datasheet HTML 2Page - Fairchild Semiconductor FST16212 Datasheet HTML 3Page - Fairchild Semiconductor FST16212 Datasheet HTML 4Page - Fairchild Semiconductor FST16212 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500038
www.fairchildsemi.com
July 1997
Revised December 1999
FST16212
24-Bit Bus Exchange Switch
General Description
The Fairchild Switch FST16212 provides 24-bits of high-
speed CMOS TTL-compatible bus switching or exchang-
ing. The low on resistance of the switch allows inputs to be
connected to outputs without adding propagation delay or
generating additional ground bounce noise.
The device operates as a 24-bit bus switch or a 12-bit bus
exchanger, which allows data exchange between the four
signal ports via the data-select terminals.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Truth Table
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FST16212MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16212MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
S2
S1
S0
A1
A2
Function
L
L
L
Z
Z
Disconnect
LL
H
B1
ZA1 = B1
LH
L
B2
ZA1 = B2
LH
H
Z
B1
A2 = B1
HL
L
Z
B2
A2 = B2
H
L
H
Z
Z
Disconnect
HH
L
B1
B2
A1 = B1, A2 = B2
HH
H
B2
B1
A1 = B2, A2 = B1
Pin Name
Description
S2, S1, S0
Data-select inputs
A1, A2
Bus A
B1, B2
Bus B


Numéro de pièce similaire - FST16212

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST16210 FAIRCHILD-FST16210 Datasheet
110Kb / 4P
   20-Bit Bus Switch
FST16210MTD FAIRCHILD-FST16210MTD Datasheet
118Kb / 4P
   20-Bit Bus Switch
FST16210 FAIRCHILD-FST16210_05 Datasheet
118Kb / 4P
   20-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
More results

Description similaire - FST16212

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C16212 PERICOM-PI5C16212 Datasheet
135Kb / 5P
   24-Bit Bus Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16212 PERICOM-PI3B16212 Datasheet
198Kb / 4P
   3.3V, 24-Bit Bus Exchange Switch
logo
Texas Instruments
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI3B16213 PERICOM-PI3B16213 Datasheet
185Kb / 4P
   3.3V, 24-Bit Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com