Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDB215G3710C-001 Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No de pièce LDB215G3710C-001
Description  Chip Multilayer Hybrid Baluns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LDB215G3710C-001 Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LDB215G3710C-001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LDB215G3710C-001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microwave Components
8
Part Number
Frequency Range
(MHz)
Insertion Loss I)
(dB)
Insertion Loss II)
(dB)
Unbalance
Impedance (Nom.)
(ohm)
Balance
Impedance (Nom.)
(ohm)
Application
Continued from the preceding page.
LDB21881M05C-001
881.5
±12.5MHz
1.4 max. (at 25
°C)
1.5 max. (-40~+85
°C)
50
50
GSM
LDB21881M20C-001
881.5
±12.5MHz
1.4 max. (at 25
°C)
1.5 max. (-40~+85
°C)
50
200
GSM
LDB21942M05C-001
942.5
±17.5MHz
1.4 max. (at 25
°C)
1.5 max. (-40~+85
°C)
50
50
GSM
LDB21942M20C-001
942.5
±17.5MHz
1.3 max. (at 25
°C)
1.4 max. (-40~+85
°C)
50
200
GSM
LDM181G9310CC001 1932.5
±222.5MHz 0.85 max. (at 25°C) 0.95 max. (-40~+85°C)
50
100
UMTS
LDM181G9610TA007
1960
±30MHz
0.55 max. (at 25
°C) 0.60 max. (-40~+85°C)
50
100
UMTS
LDM182G4505CC001
2450
±50MHz
0.88 max. (at 25
°C) 0.98 max. (-40~+85°C)
50
50
WLAN/BT
LDM182G4505GC004
2450
±50MHz
0.88 max. (at 25
°C) 0.98 max. (-40~+85°C)
50
50
WLAN/BT
LDM182G4510CC001
2450
±50MHz
0.75 max. (at 25
°C) 0.85 max. (-40~+85°C)
50
100
WLAN/BT
LDM182G4510HC003
2450
±50MHz
0.75 max. (at 25
°C) 0.85 max. (-40~+85°C)
50
100
WLAN/BT
LDM182G5005CC001
2500
±200MHz
0.9 max. (at 25
°C)
1.0 max. (-40~+85
°C)
50
50
WLAN/BT
LDM185G4210CC001
5425
±525MHz
0.9 max. (at 25
°C) 1.00 max. (-40~+85°C)
50
100
WLAN
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Numéro de pièce similaire - LDB215G3710C-001

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
LDB21 SCHNEIDER-LDB21 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 1 ft lg
LDB210 SCHNEIDER-LDB210 Datasheet
63Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 10 ft lg
LDB210KO SCHNEIDER-LDB210KO Datasheet
58Kb / 2P
   WIREWAY 2 X 2-N1 PAINT-10FT LG W/KO.S
logo
Murata Manufacturing Co...
LDB211G6005C-001 MURATA-LDB211G6005C-001 Datasheet
39Kb / 2P
   Chip Multilayer Hybrid Baluns
LDB211G6010C-001 MURATA-LDB211G6010C-001 Datasheet
39Kb / 2P
   Chip Multilayer Hybrid Baluns
More results

Description similaire - LDB215G3710C-001

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LDB181G8405C-110 MURATA-LDB181G8405C-110 Datasheet
39Kb / 2P
   Chip Multilayer Hybrid Baluns
logo
NIC-Components Corp.
NGB_C NIC-NGB_C Datasheet
278Kb / 3P
   Multilayer Chip Baluns
logo
List of Unclassifed Man...
BL1608 ETC-BL1608 Datasheet
92Kb / 3P
   Multilayer Chip Baluns
logo
NIC-Components Corp.
NGB-C NIC-NGB-C Datasheet
367Kb / 3P
   Multilayer Chip Baluns
logo
TDK Electronics
HHM1583B1 TDK-HHM1583B1 Datasheet
54Kb / 2P
   Multilayer Chip Baluns For UWB
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
ATB3225-75011CT TDK-ATB3225-75011CT Datasheet
115Kb / 7P
   Wound Chip Baluns
HHM1518A3 TDK-HHM1518A3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
HHM1526 TDK-HHM1526 Datasheet
61Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com