Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4123-D-GT Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce SI4123-D-GT
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4123-D-GT Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button SI4123-D-GT Datasheet HTML 2Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 3Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 4Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 5Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 6Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 7Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 8Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 9Page - Silicon Laboratories SI4123-D-GT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Si4133
6
Rev. 1.61
Figure 1. SCLK Timing Diagram
Table 4. Serial Interface Timing
(V
DD = 2.7 to 3.6 V, TA = –40 to 85 °C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Cycle Time
tclk
Figure 1
40
ns
SCLK Rise Time
tr
Figure 1
50
ns
SCLK Fall Time
t
f
Figure 1
50
ns
SCLK High Time
th
Figure 1
10
ns
SCLK Low Time
tl
Figure 1
10
ns
SDATA Setup Time to SCLK
2
t
su
Figure 2
5
ns
SDATA Hold Time from SCLK
2
thold
Figure 2
0
ns
SEN
 to SCLKDelay Time2
ten1
Figure 2
10
ns
SCLK
 to SENDelay Time2
t
en2
Figure 2
12
ns
SEN
 to SCLKDelay Time2
ten3
Figure 2
12
ns
SEN Pulse Width
tw
Figure 2
10
ns
Notes:
1. All timing is referenced to the 50% level of the waveforms unless otherwise noted.
2. Timing is not referenced to 50% level of the waveform. See Figure 2.
SCLK
80%
20%
50%
t
r
t
f
t
l
t
clk
t
h


Numéro de pièce similaire - SI4123-D-GT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4123-BM ETC-SI4123-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4123-BT ETC-SI4123-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Description similaire - SI4123-D-GT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com