Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4731-D60-GU2 Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce Si4731-D60-GU2
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4731-D60-GU2 Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button Si4731-D60-GU2 Datasheet HTML 2Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 3Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 4Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 5Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 6Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 7Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 8Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 9Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Si4730/31/34/35-D60
6
Rev. 1.1
Table 2. DC Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
VAQFN Supply Current
IFMVA
Digital Output Mode1
—8.2
9.5
mA
VDQFN Supply Current
IFMVD
10.5
13.5
VASSOP Supply Current
IFMVA
18.5
21.5
VDSSOP Supply Current
IFMVD
0.15
0.6
VAQFN Supply Current
IFMVA
Analog Output Mode2
—9.1
10.3
VDQFN Supply Current
IFMVD
—9.9
12.8
VASSOP Supply Current
IFMVA
19.1
21.3
VDSSOP Supply Current
IFMVD
0.1
0.6
AM Mode
VAQFN Supply Current
IAMVA
Digital Output Mode
—6.5
7.5
mA
VDQFN Supply Current
IAMVD
8.5
11.0
VASSOP Supply Current
IAMVA
14.5
16.5
VDSSOP Supply Current
IAMVD
0.15
0.50
VAQFN Supply Current
IAMVA
Analog Output Mode
—7.5
8.5
VDQFN Supply Current
IAMVD
—8
10.2
VASSOP Supply Current
IAMVA
15.3
17.2
VDSSOP Supply Current
IAMVD
—0.1
0.4
AUXIN Mode
VAQFN Supply Current
IAUXVA
—5.7
6.3
mA
VDQFN Supply Current
IAUXVD
—6.5
8.0
VASSOP Supply Current
IAUXVA
—0.3
0.4
VDSSOP Supply Current
IAUXVD
—11.8
13.0
Powerdown
VAQFN Powerdown Current
IAPD
—4
15
µA
VASSOP Powerdown Current
9.5
15
VDQFN Powerdown Current
IDPD
SCLK, RCLK inactive
3
10
µA
VDSSOP Powerdown Current
SCLK, RCLK inactive
3
10
High Level Input Voltage3
VIH
0.7 x VD
—VD +0.3
V
Low Level Input Voltage3
VIL
–0.3
0.3 x VD
V
High Level Input Current3
IIH
VIN =VD =3.6 V
–10
10
µA
Notes:
1.
Guaranteed by characterization.
2.
Backwards compatible mode to rev B and rev C. Additional features on this device may increase typical supply current.
3.
For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
4.
For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Numéro de pièce similaire - Si4731-D60-GU2

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si4731-D60-GU2 SILABS-Si4731-D60-GU2 Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
More results

Description similaire - Si4731-D60-GU2

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com