Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5315-EVB Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce Si5315-EVB
Description  SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5315-EVB Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button Si5315-EVB Datasheet HTML 7Page - Silicon Laboratories Si5315-EVB Datasheet HTML 8Page - Silicon Laboratories Si5315-EVB Datasheet HTML 9Page - Silicon Laboratories Si5315-EVB Datasheet HTML 10Page - Silicon Laboratories Si5315-EVB Datasheet HTML 11Page - Silicon Laboratories Si5315-EVB Datasheet HTML 12Page - Silicon Laboratories Si5315-EVB Datasheet HTML 13Page - Silicon Laboratories Si5315-EVB Datasheet HTML 14Page - Silicon Laboratories Si5315-EVB Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Si5315
Rev. 1.0
11
1.1. Three-Level (3L) Input Pins (No External Resistors)
Figure 3. Three-Level Input Pins
Table 5. Three-Level Input Pins (No External Resistors)
Parameter
Symbol
Min
Max
Input Voltage Low
Vill
0.15 x VDD
Input Voltage Mid
Vimm
0.45 x VDD
0.55 x VDD
Input Voltage High
Vihh
0.85 x VDD
Input Low Current
Iill
–6 µA
Input Mid Current
Iimm
–2 µA
2 µA
Input High Current
Iihh
6 µA
Note: The above currents are the amount of leakage that the 3L inputs can tolerate from an external driver.
External Driver
Si5315
Iimm
75 k
VDD
75 k


Numéro de pièce similaire - Si5315-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5315-EVB SILABS-SI5315-EVB Datasheet
416Kb / 54P
   Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Skyworks Solutions Inc.
SI5315-EVB SKYWORKS-SI5315-EVB Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

Description similaire - Si5315-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
SI5328 SKYWORKS-SI5328 Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5328 SILABS-SI5328 Datasheet
427Kb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Silicon Laboratories
SI5386-E SILABS-SI5386-E Datasheet
791Kb / 52P
   12-channel, Any Frequency, Wireless Jitter Attenuating Clock
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com