Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2105D Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2105D
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2105D Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2105D Datasheet HTML 1Page - Texas Instruments TPS2105D Datasheet HTML 2Page - Texas Instruments TPS2105D Datasheet HTML 3Page - Texas Instruments TPS2105D Datasheet HTML 4Page - Texas Instruments TPS2105D Datasheet HTML 5Page - Texas Instruments TPS2105D Datasheet HTML 6Page - Texas Instruments TPS2105D Datasheet HTML 7Page - Texas Instruments TPS2105D Datasheet HTML 8Page - Texas Instruments TPS2105D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Dual-Input, Single-Output MOSFET Switch
With No Reverse Current Flow (No Parasitic
Diodes)
D IN1 . . . 250-mΩ, 500-mA N-Channel;
18-
µA Supply Current
D IN2 . . . 1.3-Ω, 100-mA P-Channel;
0.75-
µA Supply Current (VAUX Mode)
D Advanced Switch Control Logic
D CMOS and TTL Compatible Enable Input
D Controlled Rise, Fall, and Transition Times
D 2.7 V to 5.5 V Operating Range
D SOT-23-5 and SOIC-8 Package
D –40°C to 85°C Ambient Temperature Range
D 2-kV Human Body Model, 750-V Charged
Device Model, 200-V Machine-Model
ESD Protection
typical applications
D Notebook and Desktop PCs
D Cell phone, Palmtops, and PDAs
D Battery Management
description
The TPS2104 and TPS2105 are dual-input, single-output power switches designed to provide uninterrupted
output voltage when transitioning between two independent power supplies. Both devices combine one
n-channel (250 m
Ω) and one p-channel (1.3 Ω) MOSFET with a single output. The p-channel MOSFET (IN2)
is used with auxiliary power supplies that deliver lower current for standby modes. The n-channel MOSFET
(IN1) is used with a main power supply that delivers higher current required for normal operation. Low
on-resistance makes the n-channel the ideal path for higher main supply current when power-supply regulation
and system voltage drops are critical. When using the p-channel MOSFET, quiescent current is reduced to
0.75
µA to decrease the demand on the standby power supply. The MOSFETs in the TPS2104 and TPS2105
do not have the parasitic diodes, typically found in discrete MOSFETs, thereby preventing back-flow current
when the switch is off.
DBV PACKAGE
(TOP VIEW)
GND
IN2
IN1
OUT
EN
GND
IN2
IN1
OUT
EN
DBV PACKAGE
(TOP VIEW)
TPS2104
TPS2105
NC – No internal connection
1
2
3
4
8
7
6
5
IN2
GND
EN
NC
OUT
OUT
NC
IN1
D PACKAGE
(TOP VIEW)
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
IN2
GND
EN
NC
OUT
OUT
NC
IN1
1
2
3
5
4
1
2
3
5
4
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Figure 1. Typical Dual-Input Single-Output
Application
TPS2104
IN1
IN2
EN
5 V VCC
5 V VAUX
Control Signal
Holdup
Capacitor
LOAD
5 V


Numéro de pièce similaire - TPS2105D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2105D TI-TPS2105D Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105DBV TI-TPS2105DBV Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2105D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2100 TI-TPS2100 Datasheet
299Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com