Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT717TA Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce FMMT717TA
Description  12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT717TA Fiches technique(HTML) 4 Page - Diodes Incorporated

  FMMT717TA Datasheet HTML 1Page - Diodes Incorporated FMMT717TA Datasheet HTML 2Page - Diodes Incorporated FMMT717TA Datasheet HTML 3Page - Diodes Incorporated FMMT717TA Datasheet HTML 4Page - Diodes Incorporated FMMT717TA Datasheet HTML 5Page - Diodes Incorporated FMMT717TA Datasheet HTML 6Page - Diodes Incorporated FMMT717TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT717
Document Number: DS33116 Rev. 5 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT717
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-12
-35
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-12
-25
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.5
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-100
nA
VCB = -10V
Emitter Cutoff Current
IEBO
-
-
-100
nA
VEB = -5V
Collector Emitter Cutoff Current
ICES
-
-
-100
nA
VCE = -10V
Static Forward Current Transfer Ratio (Note 10)
hFE
300
300
180
60
45
475
450
275
100
70
-
-
-
-
-
-
IC = -10mA, VCE = -2V
IC = -100mA, VCE = -2V
IC = -2.5A, VCE = -2V
IC = -8A, VCE = -2V
IC = -10A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
-
-
-
-
-
-10
-100
-110
-180
-17
-140
-170
-220
mV
IC = -0.1A, IB = -10mA
IC = -1A, IB = -10mA
IC = -1.5A, IB = -50mA
IC = -2.5A, IB = -50mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
-
-0.8
-1.0
V
IC = -2.5A, VCE = -2V
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
-
-0.9
-1.0
V
IC = -2.5A, IB = -50mA
Output Capacitance
Cobo
-
21
30
pF
VCB = -10V, f = 1MHz
Transition Frequency
fT
80
110
-
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
-
70
-
ns
VCC = -6V, IC = -2A
IB1 = IB2 = 50mA
Turn-Off Time
toff
-
130
-
ns
Notes:
10. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%


Numéro de pièce similaire - FMMT717TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT717TA DIODES-FMMT717TA Datasheet
367Kb / 4P
   SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
More results

Description similaire - FMMT717TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
   12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
   40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
   70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com