Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT495 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce FMMT495
Description  150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT495 Fiches technique(HTML) 4 Page - Diodes Incorporated

  FMMT495_12 Datasheet HTML 1Page - Diodes Incorporated FMMT495_12 Datasheet HTML 2Page - Diodes Incorporated FMMT495_12 Datasheet HTML 3Page - Diodes Incorporated FMMT495_12 Datasheet HTML 4Page - Diodes Incorporated FMMT495_12 Datasheet HTML 5Page - Diodes Incorporated FMMT495_12 Datasheet HTML 6Page - Diodes Incorporated FMMT495_12 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT495
Document number: DS33096 Rev. 4 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FMMT495
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
170
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
150
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IE = 100µA
Collector Cutoff Current
ICBO
100
nA
VCB = 150V
Emitter Cutoff Current
IEBO
100
nA
VEB = 5V
Collector Emitter Cutoff Current
ICES
100
nA
VCE = 150V
Static Forward Current Transfer Ratio (Note 9)
hFE
100
IC = 1mA, VCE = 10V
100
300
IC = 250mA, VCE = 10V
50
IC = 500mA, VCE = 10V
10
IC = 1A, VCE = 10V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
0.2
V
IC = 250mA, IB = 25mA
0.3
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage(Note 9)
VBE(on)
1.0
V
IC = 500mA, VCE = 10V
Base-Emitter Saturation Voltage(Note 9)
VBE(sat)
1.0
V
IC = 500mA, IB = 50mA
Output Capacitance
Cobo
10
pF
VCB = 10V, f = 1MHz
Transition Frequency
fT
100
MHz
VCE = 10V, IC = 50mA,
f = 100MHz
Notes:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.


Numéro de pièce similaire - FMMT495_12

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_16 Datasheet
485Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Description similaire - FMMT495_12

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT495 DIODES-FMMT495_16 Datasheet
485Kb / 7P
   150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT494 DIODES-FMMT494_15 Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
   120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com