Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2228 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS2228
Description  POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2228 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2228 Datasheet HTML 1Page - Texas Instruments TPS2228 Datasheet HTML 2Page - Texas Instruments TPS2228 Datasheet HTML 3Page - Texas Instruments TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
FEATURES
D Fully Integrated VCC and VPP Switching for
Single-Slot or Dual-Slot PC Card
 Interface
D P2C 3-Lead Serial Interface Compatible With
CardBus
 Controller
D Meets PC Card Standard
D RESET for System Initialization of PC Cards
D 12-V Supplies Can Be Disabled Except During
12-V Flash Programming
D Short-Circuit and Thermal Protection
D 24-Pin HTSSOP (PWP), 30-Pin SSOP (DB),
and 32-Pin TSSOP (DAP) Packages
D Compatible With 3.3-V, 5-V, and 12-V PC
Cards
D Low rDS(on) (95-mΩ, 5-V VCC Switch; 85-mΩ
3.3-V VCC Switch)
D Single-Slot Switch: TPS2210A
Dual-Slot Switch: TPS2204A and TPS2206A
D Break-Before-Make Switching
APPLICATIONS
D Notebook and Desktop Computers
D Set-Top Boxes
D Personal Digital Assistants(PDAs)
D Digital Cameras
D Bar Code Scanners
DESCRIPTION
The
TPS2204A
and
TPS2206A
PC
CardBus
power-interface
switches
provide
an
integrated
power-management solution for two PC Card
 sockets.
The TPS2210A is a single-slot option for this family of
devices. These devices allow the controlled distribution of
3.3 V, 5 V, and 12 V to each card slot. The current-limiting
and thermal-protection features eliminate the need for
fuses. Current-limit reporting helps the user isolate a
system fault. The switch rDS(on) and current-limit values
are set for the peak and average current requirements
stated in the PC Card
 specification, and are optimized for
cost.
The TPS2206A is pin and/or functionally compatible with
the
TPS2206,
TPS2216,
TPS2216A,
TPS2226,
TPS2226A, and TPS2228 with a few exceptions, as
shown in the Available Options table.
AVAILABLE OPTIONS OF THE TPS2206A PIN COMPATABLE SWITCHES
PART NUMBER
INDEPENDENT
PIN VARIATION
INPUT
PART NUMBER
INDEPENDENT
VPP SWITCHING
RESET
RESET
SHDN
MODE
STBY
INPUT
VOLTAGES
TPS2206
No
Yes
Yes
No
No
No
3.3 V, 5 V, 12 V
TPS2206A
No
Yes
No
Yes
No
No
3.3 V, 5 V, 12 V
TPS2216
Yes/No(1)
Yes
Yes
No
Yes
Yes
3.3 V, 5 V, 12 V
TPS2216A
Yes/No(1)
Yes
Yes
No
Yes
Yes
3.3 V, 5 V, 12 V
TPS2226
Yes
Yes
No
Yes
No
No
3.3 V, 5 V, 12 V
TPS2226A
Yes
Yes
No
Yes
No
No
3.3 V, 5 V, 12 V
TPS2228
Yes
Yes
No
Yes
No
No
1.8 V, 3.3 V, 5 V
(1) Selected by MODE pin.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
P2C is a trademark of Texas Instruments.
PC Card and CardBus are trademarks of PCMCIA (Personal Computer Memory Card International Association).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2003, Texas Instruments Incorporated


Numéro de pièce similaire - TPS2228

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2228 TI1-TPS2228 Datasheet
1Mb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228 Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2228DB TI-TPS2228DB Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results

Description similaire - TPS2228

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com