Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33937AEK Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MCZ33937AEK
Description  Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33937AEK Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33937AEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33937A
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD Voltage(5)
Human Body Model - HBM (All pins except for the pins listed below)
Pins: PA_Boot, PA_HS_S, PA_HS_G, PB_Boot, PB_HS_S, PB_HS_G,
PC_Boot, PC_HS_S, PC_HS_G, VPWR
Charge Device Model - CDM
Corner pins
All other pins
VESD
±2000
±1000
±750
±300
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance(6)
Junction-to-Case
RJC
3.0
°C/W
Soldering Temperature(7)
TSOLDER
Note 8
°C
Notes
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 W) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
6.
Case is considered EP - pin 55 under the body of the device. The actual power dissipation of the device is dependent on the operating
mode, the heat transfer characteristics of the board and layout and the operating voltage. See Figure 24 and Figure 25 for examples of
power dissipation profiles of two common configurations. Operation above the maximum operating junction temperature will result in a
reduction in reliability leading to malfunction or permanent damage to the device.
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 2. Maximum Ratings (continued)
All voltages are with respect to VSS unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit


Numéro de pièce similaire - MCZ33937AEK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33937AEK/R2 FREESCALE-MCZ33937AEK/R2 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
More results

Description similaire - MCZ33937AEK

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L9945 STMICROELECTRONICS-L9945 Datasheet
1Mb / 151P
   Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
December 2019 Rev 8
logo
XP Power Limited
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Texas Instruments
INA186-Q1 TI1-INA186-Q1 Datasheet
497Kb / 27P
[Old version datasheet]   Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
   High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
Rev 6 - May 2022
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
   Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
Bel Fuse Inc.
SLT-300 BEL-SLT-300 Datasheet
760Kb / 2P
   Allows Installers to Derive a Fully Isolated 120 V Source from a 277 V Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com