Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ2W18000L Fiches technique(PDF) 4 Page - Panasonic Battery Group

No de pièce DZ2W18000L
Description  DZ2W18000L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24180 in Mini2 type package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONICBATTERY [Panasonic Battery Group]
Site Internet  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DZ2W18000L Fiches technique(HTML) 4 Page - Panasonic Battery Group

  DZ2W18000L Datasheet HTML 1Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 2Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 3Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 4Page - Panasonic Battery Group DZ2W18000L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Standards
Zener Diode
DZ2W18000L
Unit: mm
Page
Mini2-F3-B
4
4of
Land Pattern (Reference) (Unit: mm)
1.6±0.1
0.9±0.1
0.13
+0.05
-0.02
(7°)
1
2
1.2
Doc No. TT4-EA-12914
Revision. 4
Established : 2010-12-28
Revised
: 2013-05-08


Numéro de pièce similaire - DZ2W18000L

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
DZ2W180 PANASONIC-DZ2W180 Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
More results

Description similaire - DZ2W18000L

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Battery Group
DZ2J030M0L PANASONICBATTERY-DZ2J030M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J047X0L PANASONIC-DZ2J047X0L Datasheet
333Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2S10000L PANASONIC-DZ2S10000L Datasheet
318Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ2J100 in SSMini2 type package
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J047M0L PANASONIC-DZ2J047M0L Datasheet
341Kb / 5P
   Silicon epitaxial planar type For constant voltage For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J140 PANASONIC-DZ2J140 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J130X0L PANASONIC-DZ2J130X0L Datasheet
335Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J100 PANASONIC-DZ2J100 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J033X0L PANASONIC-DZ2J033X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com