Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCWC1008 Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce LCWC1008
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

LCWC1008 Fiches technique(HTML) 1 Page - AVX Corporation

  LCWC1008 Datasheet HTML 1Page - AVX Corporation LCWC1008 Datasheet HTML 2Page - AVX Corporation LCWC1008 Datasheet HTML 3Page - AVX Corporation LCWC1008 Datasheet HTML 4Page - AVX Corporation LCWC1008 Datasheet HTML 5Page - AVX Corporation LCWC1008 Datasheet HTML 6Page - AVX Corporation LCWC1008 Datasheet HTML 7Page - AVX Corporation LCWC1008 Datasheet HTML 8Page - AVX Corporation LCWC1008 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
21
Wire Wound Chip Inductor
LCWC Series
DIMENSIONS
STANDARD
A
E
F
F
G
C
D
I
I
J
H
Terminal Wraparound:
Approx. 0.007 inches
0.18 (0.007) Both Ends
B
Pad
Layout
Overall
Terminal
Type
Size
A
B
C
D
EF
G
H
I
J
Weight (g)
(inch)
Max.
Max.
Max.
Ref.
(1000pcs)
0402
0402
1.27
0.76
0.61
0.15
0.51
0.23
0.56
0.66
0.50
0.46
0.8
(0.050)
(0.030)
(0.024)
(0.006)
(0.020)
(0.009)
(0.022)
(0.026)
(0.020)
(0.018)
0603
0603
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
3.46
(0.071)
(0.044)
(0.040)
(0.015)
(0.030)
(0.013)
(0.034)
(0.040)
(0.025)
(0.025)
0805
0805
2.29
1.73
1.52
0.51
1.27
0.44
1.02
1.78
1.02
0.76
12.13
(0.090)
(0.068)
(0.060)
(0.020)
(0.050)
(0.017)
(0.040)
(0.070)
(0.040)
(0.030)
1008
1008
2.92
2.79
2.13
0.65
2.03
0.51
1.52
2.54
1.02
1.27
30.73
(0.115)
(0.110)
(0.084)
(0.026)
(0.080)
(0.020)
(0.060)
(0.100)
(0.040)
(0.050)
1206
1206
3.45
1.90
1.40
0.50
1.60
0.50
2.20
1.93
1.02
1.78
40
(0.136)
(0.075)
(0.055)
(0.020)
(0.063)
(0.020)
(0.087)
(0.076)
(0.040)
(0.070)
mm (inches)
LOW PROFILE
Type
Size
A
B
C
D
EF
G
H
I
J
(inch)
Max.
Max.
Max.
Ref.
0805
0805
2.29
1.73
1.03
0.51
1.27
0.44
1.02
1.78
1.02
0.76
(0.090)
(0.068)
(0.041)
(0.020)
(0.050)
(0.017)
(0.040)
(0.070)
(0.040)
(0.030)
1008
1008
2.92
2.79
1.40
0.65
2.03
0.51
1.52
2.54
1.02
1.27
(0.115)
(0.110)
(0.055)
(0.026)
(0.080)
(0.020)
(0.060)
(0.100)
(0.040)
(0.050)
mm (inches)
HIGH CURRENT/HIGH Q
Type
Size
A
B
C
D
EF
G
H
I
J
(inch)
Max.
Max.
Max.
Ref.
0603
0603
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
(0.071)
(0.044)
(0.040)
(0.015)
(0.030)
(0.013)
(0.034)
(0.040)
(0.025)
(0.025)
0805
0805
2.29
1.73
1.52
0.51
1.27
0.44
1.02
1.78
1.02
0.76
(0.090)
(0.068)
(0.060)
(0.020)
(0.050)
(0.017)
(0.040)
(0.070)
(0.040)
(0.030)
1008
1008
2.92
2.79
2.03
0.65
2.03
0.51
1.52
2.54
1.02
1.27
(0.115)
(0.110)
(0.080)
(0.026)
(0.080)
(0.020)
(0.060)
(0.100)
(0.040)
(0.050)
mm (inches)
Ceramic Core
Electrode
(Ag/Pd+Ni+Sn)
Magnet Wire
UV Glue
FEATURES
• Ceramic base provides high SRF
• Ultra-compact inductors provide high Q factors
• Low profile, high current are available
• Miniature SMD chip inductor for fully automated
assembly
• Outstanding endurance from Pull-up force,
mechanical shock and pressure
• Tighter tolerance down to ±2%
• -40ºC to +125ºC
APPLICATIONS
RF Products:
• Cellular Phone (CDMA/GSM/PHS)
• Cordless Phone (DECT/CT1CT2)
• Remote Control, Security System
• Wireless PDA
• Smart Phone
• WLL, Wireless LAN / Mouse /
Keyboard / Earphone
• VCO, RF Module & Other Wireless Products
• Base Station, Repeater
• GPS Receiver
Broad Band Applications:
• CATV Filter, Tuner
• Cable Modem/ XDSL Tuner
• Set Top Box
IT Applications:
• USB 2.0
• IEEE 1394
CONSTRUCTION
COLOR CODING
Color Coding


Numéro de pièce similaire - LCWC1008

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LCWCP7P OSRAM-LCWCP7P Datasheet
565Kb / 21P
   SMD Keramik Geh채use mit Silikonverguss und Linse
LCWCP7P.PC OSRAM-LCWCP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.EC OSRAM-LCWCQ7P.EC Datasheet
1Mb / 27P
   SMT ceramic package with silicone resin and silicone lens
More results

Description similaire - LCWC1008

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com