Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF7N10 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FQPF7N10
Description  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF7N10 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FQPF7N10 Datasheet HTML 1Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 2Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 3Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 4Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 5Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 6Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 7Page - Fairchild Semiconductor FQPF7N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A4, December 2000
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Numéro de pièce similaire - FQPF7N10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF7N10 FAIRCHILD-FQPF7N10 Datasheet
547Kb / 8P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF7N10 ISC-FQPF7N10 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
FQPF7N10L ISC-FQPF7N10L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQPF7N10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com