Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC138SCX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74AC138SCX
Description  ICC reduced by 50%, Demultiplexing capability, Multiple input enable for easy expansion
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC138SCX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  74AC138SCX Datasheet HTML 1Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 2Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 3Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 4Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 5Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 6Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 7Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 8Page - Fairchild Semiconductor 74AC138SCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M16D


Numéro de pièce similaire - 74AC138SCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC138SC FAIRCHILD-74AC138SC Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
74AC138SC FAIRCHILD-74AC138SC Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138SC ONSEMI-74AC138SC Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
More results

Description similaire - 74AC138SCX

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPD2101AL NEC-UPD2101AL Datasheet
247Kb / 5P
   simple memory expansion-chip enable input
UPD2102AL NEC-UPD2102AL Datasheet
200Kb / 4P
   simple memory expansion-chip enable input
logo
Axiomtek Co., Ltd.
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
   Easy for expansion: PCIe Mini Card
GOT5120T-834 AXIOMTEK-GOT5120T-834_16 Datasheet
512Kb / 2P
   Easy for expansion: PCIe Mini Cards
GOT5152T-832 AXIOMTEK-GOT5152T-832 Datasheet
689Kb / 2P
   Easy for expansion: PCIe Mini Card
logo
Texas Instruments
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
logo
Gennum Corporation
SC4212B GENNUM-SC4212B Datasheet
839Kb / 11P
   Enable Input
logo
Hamamatsu Corporation
C12668 HAMAMATSU-C12668_15 Datasheet
590Kb / 5P
   Balanced detectors with reduced multiple reflections flections
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com