Moteur de recherche de fiches techniques de composants électroniques |
|
74AHC1G08GV Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
74AHC1G08GV Fiches technique(HTML) 6 Page - NXP Semiconductors |
6 / 6 page 74AHC_AHCT1G08_6 © NXP B.V. 2007. All rights reserved. Product data sheet 8 of 11 NXP Semiconductors 74AHC1G08; 74AHCT1G08 2-input AND gate Fig 8. Package outline SOT753 (SC-74A) REFERENCES OUTLINE VERSION EUROPEAN PROJECTION IEC JEDEC JEITA SOT753 SC-74A wB M bp D e A A1 Lp Q detail X HE E v M A A B y 0 1 2 mm scale c X 13 2 4 5 Plastic surface-mounted package; 5 leads SOT753 UNIT A1 bp cD E HE Lp Qy w v mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 DIMENSIONS (mm are the original dimensions) 0.6 0.2 0.33 0.23 A 1.1 0.9 |
Numéro de pièce similaire - 74AHC1G08GV |
|
Description similaire - 74AHC1G08GV |