Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF4N90 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQPF4N90
Description  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF4N90 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQPF4N90 Datasheet HTML 1Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 2Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 3Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 4Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 5Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 6Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 7Page - Fairchild Semiconductor FQPF4N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. B, October 2001
©2001 Fairchild Semiconductor Corporation
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Vin
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Gate Charge Test Circuit & Waveform
E
AS =LL IAS
2
----
2
1
--------------------
BVDSS -- VDD
BVDSS
E
AS =LL IAS
2
----
2
1
E
AS =LL IAS
2
----
2
1
----
2
1
--------------------
BVDSS -- VDD
BVDSS
BVDSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
BVDSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
VDD
V
DS
10V
DUT
R
G
L
I D
VDD
V
DS
10V
DUT
R
G
L
L
I D
I D
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
VDD
( 0.5 rated V
DS )
10V
VDS
RL
DUT
RG
VDD
( 0.5 rated V
DS )
10V
VDS
RL
DUT
RG


Numéro de pièce similaire - FQPF4N90

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF4N90C FAIRCHILD-FQPF4N90C Datasheet
899Kb / 10P
   900V N-Channel MOSFET
FQPF4N90C FAIRCHILD-FQPF4N90C Datasheet
920Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF4N90C ISC-FQPF4N90C Datasheet
307Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF4N90CT FAIRCHILD-FQPF4N90CT Datasheet
920Kb / 10P
   900V N-Channel MOSFET
More results

Description similaire - FQPF4N90

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com