Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5061RLRAG Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce 2N5061RLRAG
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5061RLRAG Fiches technique(HTML) 2 Page - ON Semiconductor

  2N5061RLRAG Datasheet HTML 1Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 2Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 3Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 4Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 5Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 6Page - ON Semiconductor 2N5061RLRAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N5060 Series
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case (Note 2)
RqJC
75
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
2. This measurement is made with the case mounted “flat side down” on a heatsink and held in position by means of a metal clamp over the
curved surface.
*Indicates JEDEC Registered Data.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
*Peak Repetitive Forward or Reverse Blocking Current (Note 3)
(VAK = Rated VDRM or VRRM)TC = 25°C
TC = 110°C
IDRM, IRRM
10
50
mA
mA
ON CHARACTERISTICS
*Peak Forward On−State Voltage (Note 4)
(ITM = 1.2 A peak @ TA = 25°C)
VTM
1.7
V
Gate Trigger Current (Continuous DC) (Note 5)
*(VAK = 7.0 Vdc, RL = 100 W)TC = 25°C
TC = −40°C
IGT
200
350
mA
Gate Trigger Voltage (Continuous DC) (Note 5)
TC = 25°C
*(VAK = 7.0 Vdc, RL = 100 W)TC = −40°C
VGT
0.8
1.2
V
*Gate Non−Trigger Voltage
(VAK = Rated VDRM, RL = 100 W)TC = 110°C
VGD
0.1
V
Holding Current (Note 3)
TC = 25°C
*(VAK = 7.0 Vdc, initiating current = 20 mA)
TC = −40°C
IH
5.0
10
mA
Turn-On Time
Delay Time
Rise Time
(IGT = 1.0 mA, VD = Rated VDRM,
Forward Current = 1.0 A, di/dt = 6.0 A/ms
td
tr
3.0
0.2
ms
Turn-Off Time
(Forward Current = 1.0 A pulse,
Pulse Width = 50 ms,
0.1% Duty Cycle, di/dt = 6.0 A/ms,
dv/dt = 20 V/ms, IGT = 1 mA)
2N5060, 2N5061
2N5062, 2N5064
tq
10
30
ms
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(Rated VDRM, Exponential, RGK = 1 kW)
dv/dt
30
V/ms
*Indicates JEDEC Registered Data.
3. RGK = 1000 W is included in measurement.
4. Forward current applied for 1 ms maximum duration, duty cycle p 1%.
5. RGK current is not included in measurement.


Numéro de pièce similaire - 2N5061RLRAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5061RLRAG ONSEMI-2N5061RLRAG Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results

Description similaire - 2N5061RLRAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com