Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF4N20L Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQPF4N20L
Description  200V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF4N20L Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQPF4N20L Datasheet HTML 1Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 2Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 3Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 4Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 5Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 6Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 7Page - Fairchild Semiconductor FQPF4N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
25℃
150℃
※ Notes :
1. V
GS
= 0V
2. 250μs Pulse Test
V
SD
, Source-Drain Voltage [V]
02468
10
10
-1
10
0
10
1
※ Notes :
1. V
DS
= 25V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
10 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C
= 25℃
V
DS
, Drain-Source Voltage [V]
01
23
4
5
6
78
0
2
4
6
8
10
12
V
DS = 100V
V
DS = 40V
V
DS = 160V
※ Note : I
D = 3.8 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
50
100
150
200
250
300
350
400
450
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
※ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
024
68
0
2
4
6
8
※ Note : T
J
= 25℃
V
GS
= 5 V
V
GS
= 10V
I
D
, Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Numéro de pièce similaire - FQPF4N20L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQPF4N20 FAIRCHILD-FQPF4N20 Datasheet
726Kb / 8P
   200V N-Channel MOSFET
More results

Description similaire - FQPF4N20L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com