Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7855TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7855TRPBF
Description  Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7855TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7855TRPBF Datasheet HTML 1Page - International Rectifier IRF7855TRPBF Datasheet HTML 2Page - International Rectifier IRF7855TRPBF Datasheet HTML 3Page - International Rectifier IRF7855TRPBF Datasheet HTML 4Page - International Rectifier IRF7855TRPBF Datasheet HTML 5Page - International Rectifier IRF7855TRPBF Datasheet HTML 6Page - International Rectifier IRF7855TRPBF Datasheet HTML 7Page - International Rectifier IRF7855TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7855PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
72
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.4
9.4
m
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
14
–––
–––
S
Qg
Total Gate Charge
–––
26
39
Qgs
Gate-to-Source Charge
–––
6.8
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.6
–––
td(on)
Turn-On Delay Time
–––
8.7
–––
tr
Rise Time
–––
13
–––
td(off)
Turn-Off Delay Time
–––
16
–––
ns
tf
Fall Time
–––
12
–––
Ciss
Input Capacitance
–––
1560
–––
Coss
Output Capacitance
–––
440
–––
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
Coss
Output Capacitance
–––
1910
–––
Coss
Output Capacitance
–––
320
–––
Coss eff.
Effective Output Capacitance
–––
520
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.3
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
97
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
33
50
ns
Qrr
Reverse Recovery Charge
–––
38
57
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Typ.
–––
–––
Conditions
VDS = 25V, ID = 7.2A
ID = 7.2A
VDS = 30V
Conditions
VGS = 10V f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
540
7.2
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 7.2A, VGS = 0V f
TJ = 25°C, IF = 7.2A, VDD = 25V
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 12A f
VDS = VGS, ID = 100µA
VDS = 60V, VGS = 0V
VDS = 60V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
Max.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 48V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 48V g
VGS = 10V f
VDD = 30V
ID = 7.2A
RG = 6.2Ω


Numéro de pièce similaire - IRF7855TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
IRF7855 KEXIN-IRF7855 Datasheet
2Mb / 6P
   N-Channel MOSFET
IRF7855-HF KEXIN-IRF7855-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
More results

Description similaire - IRF7855TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
   Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
IRF7853TRPBF IRF-IRF7853TRPBF Datasheet
214Kb / 8P
   Primary Side Switch in Bridge Topology
IRF8721PBF IRF-IRF8721PBF_15 Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8714PBF IRF-IRF8714PBF_15 Datasheet
256Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com