Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

900001 Fiches technique(PDF) 11 Page - Amphenol Corporation

No de pièce 900001
Description  MIL-DTL-38999 Series II Subminiature cylindrical connectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

900001 Fiches technique(HTML) 11 Page - Amphenol Corporation

Back Button 900001 Datasheet HTML 7Page - Amphenol Corporation 900001 Datasheet HTML 8Page - Amphenol Corporation 900001 Datasheet HTML 9Page - Amphenol Corporation 900001 Datasheet HTML 10Page - Amphenol Corporation 900001 Datasheet HTML 11Page - Amphenol Corporation 900001 Datasheet HTML 12Page - Amphenol Corporation 900001 Datasheet HTML 13Page - Amphenol Corporation 900001 Datasheet HTML 14Page - Amphenol Corporation 900001 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Line receptacle
JT01 RT
JT01 RE
JT 02 RE
JMS 27499 E
V Thread
Shell Size
N Dia.
UNEF
K Dia. Max
C
S
Class 2A
(plated)
8
12.01
.4375-28
14.68
24.51
16.75
10
14.99
.5625-24
17.86
27.66
23.83
12
19.05
.6875-24
21.03
30.05
26.19
14
22.23
.8125-20
24.21
32.44
28.58
16
25.40
.9375-20
27.38
34.82
30.96
18
28.58
1.0625-18
30.56
37.21
33.32
20
31.75
1.1875-18
33.73
40.36
36.53
22
34.93
1.3125-18
36.91
43.56
39.67
24
38.10
1.4375-18
40.08
46.69
42.88
+0.025
-0.13
+0.43
-0.41
Shell Size
N Dia.
L Max
K Dia. Max
R
SG
8
12.01
7.26
11.12
15.09
20.62
3.05
10
14.99
7.26
14.30
18.26
23.82
3.05
12
19.05
7.26
17.47
20.62
26.19
3.05
14
22.23
7.26
20.65
23.01
28.58
3.05
16
25.40
7.26
23.82
24.61
30.96
3.05
18
28.58
7.26
26.59
26.97
33.32
3.05
20
31.75
7.26
29.77
29.36
36.52
3.05
22
34.93
7.26
32.94
31.75
39.67
3.05
24
38.10
7.26
36.12
34.93
42.87
3.73
+0.025
-0.13
±0.41
±0.13
Box mounting receptacle (front panel mounting)
0.13 M
G
9.65
22.63 MAX.
23.82 MAX.
+0.15
-0.00
9.65
+0.15
-0.00
8.18
+0.00
-0.13
8.18
+0.00
-0.13
9.65
+0.15
-0.00
8.18
+0.00
-0.13
JT - E111/A
8/01/02 12:23
Page 11


Numéro de pièce similaire - 900001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
900001 ETC-900001 Datasheet
6Mb / 68P
   Contacts
May 2019
More results

Description similaire - 900001

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com