Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF19N20 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQPF19N20
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF19N20 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQPF19N20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
  
 

91


#.
91
51
00:
0;
00:
/



91


#.
91
51
00:
0;
00:
/


91
51
06
206


 
 


55

51
)
9
91
91
51
06
206


 
 


55

51
)
9
91
.1 .1




511 55
511
55
51
511

55
.1
51
5


9

 5

.1 .1



.1 .1







511 55
511
55
51
511

55
.1
51
5


9

 5
 5

  #01 &$
"!#01 &$
2 $ 3"!#01 &$


Numéro de pièce similaire - FQPF19N20

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQPF19N20 ISC-FQPF19N20 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF19N20C FAIRCHILD-FQPF19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF19N20C ISC-FQPF19N20C Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF19N20L FAIRCHILD-FQPF19N20L Datasheet
712Kb / 8P
   200V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF19N20L ISC-FQPF19N20L Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FQPF19N20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com