Moteur de recherche de fiches techniques de composants électroniques |
|
DEBB33A102KA2B Fiches technique(PDF) 26 Page - Murata Manufacturing Co., Ltd. |
|
DEBB33A102KA2B Fiches technique(HTML) 26 Page - Murata Manufacturing Co., Ltd. |
26 / 83 page C85E.pdf Jul.13,2011 Item Pitch of component Pitch of sprocket hole Lead spacing Length from hole center to component center Length from hole center to lead Body diameter Deviation along tape, left or right Carrier tape width Position of sprocket hole Lead distance between reference and bottom planes Protrusion length Diameter of sprocket hole Lead diameter Total tape thickness Total thickness, tape and lead wire Body thickness Portion to cut in case of defect Hold down tape width Hold down tape position Coating extension on lead Deviation across tape, front Deviation across tape, rear P P0 F P2 P1 D ∆S W W1 H0 H r øD0 ød t1 t2 T L W0 W2 e ∆h1 ∆h2 12.7 ±1.0 12.7 ±0.3 5.0 6.35 ±1.3 3.85 ±0.7 15.0 ±2.0 15.0 ±0.3 7.5 ±1.0 7.5 ±1.5 3.75 ±1.0 0 ±2.0 0 ±1.0 30.0 ±2.0 See the individual product specifications. 18.0 ±0.5 9.0 ±0.5 +0.5 to -1.0 4.0 ±0.1 0.6 ±0.3 1.5 max. See the individual product specifications. 11.0 11.5 min. 1.5 ±1.5 20.0 25.4 ±2.0 12.7 ±0.3 10.0 ±1.0 — 7.7 ±1.5 2.0 max. 1.0 max. (in mm) N2 N3 P3 N7 N4 N5 Code +0.8 –0.2 +1.5 –1.0 18.0 – – +2.0 –0 18.0 – +2.0 –0 +0 –1.0 12.7mm pitch / lead spacing 5mm taping Vertical crimp type (Lead Code: N2) 15mm pitch / lead spacing 7.5mm taping Vertical crimp type (Lead Code: N3) 0.6 ±0.05 30mm pitch / lead spacing 7.5mm taping Vertical crimp type (Lead Code: N7) 25.4mm pitch / lead spacing 10.0mm taping Vertical crimp type (Lead Code: N4, N5) P1 P0 P D ∆S F ød øD0 R P1 P2 P0 P D ∆S F ød øD0 R P1 P2 P0 P D ∆S F ød øD0 R 15mm pitch / lead spacing 7.5mm taping Straight type (Lead Code: P3) P1 P2 P0 P D ∆S F ød øD0 R P1 P2 P0 P D ∆S F ød øD0 R T max. ∆h1 ∆h2 O ∗ ∗ Marked side t2 t1 0.6 +0.1 –0.05 Continued on the following page. Up to the end of crimp Up to the end of crimp ∗ 3.0 max. Lead Code N2, N3, N4, N7 ∗ 4.0 max. Lead Code N5 Lead Code P3 H0 H0 Taping Specifications 3.0 max. Safety Certified Ceramic Capacitors Packaging 24 5 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. |
Numéro de pièce similaire - DEBB33A102KA2B |
|
Description similaire - DEBB33A102KA2B |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |