Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEBB33A102KA2B Fiches technique(PDF) 23 Page - Murata Manufacturing Co., Ltd.

No de pièce DEBB33A102KA2B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEBB33A102KA2B Fiches technique(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button DEBB33A102KA2B Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Certified Ceramic Capacitors Characteristics Data (Typical Example)
21
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Capacitance - Temperature Characteristics
B
B
E
Temperature (
°C)
-40
40
20
0
-20
-40
-60
-80
-100
-20
0
20
40
60
80
100
120
140
E
F
F
SL
SL
s Insertion Loss - Frequency Characteristics
Type KY
0
10
20
30
40
50
1
10
100
1000
Frequency (MHz)
Type KY
Signal power: 1mW
AC240V(r.m.s.) / 60Hz is
applied on the capacitor.
(1) DE2B3KY101KA2BM01
(2) DE2B3KY221KA2BM01
(3) DE2B3KY471KA2BM01
(4) DE2E3KY102MA2BM01
(5) DE2E3KY222MA2BM01
(6) DE2E3KY472MA2BM01
(7) DE2F3KY103MA3BM02
(6)
(7)
(5)
(4)
(3)
(2)
(1)
Type KH
0
10
20
30
40
50
1
10
100
1000
Frequency (MHz)
Type KH
Signal power: 1mW
AC240V(r.m.s.) / 60Hz is
applied on the capacitor.
(1) DE2B3KH101KA3B
(2) DE2B3KH221KA3B
(3) DE2B3KH471KA3B
(4) DE2E3KH102MA3B
(5) DE2E3KH222MA3B
(6) DE2E3KH472MA3B
(7) DE2F3KH103MA3B
(7)
(6)
(5)
(4)
(3)
(2)
(1)
Type KX Small Size
0
10
20
30
40
50
1
10
100
1000
Frequency (MHz)
Type KX Small Size
Signal power: 1mW
AC240V(r.m.s.) / 60Hz is
applied on the capacitor.
(1) DE1B3KX101KA4BL01
(2) DE1B3KX221KA4BL01
(3) DE1B3KX471KA4BL01
(4) DE1E3KX102MA4BL01
(5) DE1E3KX222MA4BL01
(6) DE1E3KX472MA4BL01
(6)
(5)
(4)
(3)
(1)
(2)
Type KX
0
10
20
30
40
1
10
100
1000
Frequency (MHz)
Type KX
Signal power: 1mW
AC240V(r.m.s.) / 60Hz is
applied on the capacitor.
(1) DE1B3KX101KA5B
(2) DE1B3KX221KA5B
(3) DE1B3KX471KA5B
(4) DE1E3KX102MA5BA01
(5) DE1E3KX222MA5BA01
(6) DE1E3KX472MA5BA01
(6)
(5)
(4)
(3)
(2)
(1)


Numéro de pièce similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2A MURATA-DEBB33A102KA2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Description similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com