Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEBB33A102KA2B Fiches technique(PDF) 79 Page - Murata Manufacturing Co., Ltd.

No de pièce DEBB33A102KA2B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEBB33A102KA2B Fiches technique(HTML) 79 Page - Murata Manufacturing Co., Ltd.

Back Button DEBB33A102KA2B Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 83Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
C85E.pdf
Jul.13,2011
Continued from the preceding page.
When the withstanding voltage is applied, the capacitor's
lead or terminal should be firmly connected to the output
of the withstanding voltage test equipment, and then the
voltage should be raised from near zero to the test
voltage.
If the test voltage without the raise from near zero voltage
would be applied directly to capacitor, test voltage should
be applied with the zero cross.* At the end of the test
time, the test voltage should be reduced to near zero,
and then capacitor's lead or terminal should be taken off
the output of the withstanding voltage test equipment.
If the test voltage without the raise from near zero voltage
would be applied directly to capacitor, the surge voltage
may rise, and therefore, a defect may be caused.
*ZERO CROSS is the point where voltage sine wave
passes 0V. See the figure at right.
(2) Voltage Applied Method
0V
zero cross
Voltage sine wave
When the capacitor is broken, failure may result in a short
circuit. Be sure to provide an appropriate fail-safe
function like a fuse on your product if failure could result
in an electric shock, fire or fuming.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT
AND CAUSE FUMING OR PARTIAL DISPERSION
WHEN THE PRODUCT IS USED.
4. Fail-Safe
Safety Certified Ceramic Capacitors for Automotive !Caution
77
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2A MURATA-DEBB33A102KA2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Description similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com