Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEBB33A102KA2B Fiches technique(PDF) 69 Page - Murata Manufacturing Co., Ltd.

No de pièce DEBB33A102KA2B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEBB33A102KA2B Fiches technique(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button DEBB33A102KA2B Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DEBB33A102KA2B Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
C85E.pdf
Jul.13,2011
High Voltage Ceramic Capacitors Notice
67
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Notice (Soldering and Mounting)
Cleaning (ultrasonic cleaning)
To perform ultrasonic cleaning, observe the following
conditions.
Rinse bath capacity: Output of 20 watts per liter or less.
Rinsing time: 5 min. maximum.
Do not vibrate the PCB/PWB directly.
Excessive ultrasonic cleaning may lead to fatigue
destruction of the lead wires.
s Notice (Rating)
Capacitance Change of Capacitors
1. DEA/DEC/DEF Series (Temp. Char. CH, SL)
Capacitance might change a little depending on the
surrounding temperature or an applied voltage.
Please contact us if you intend to use this
product in a strict time constant circuit.
2. DEB/DEC Series (Temp. Char. B, E, F)
Capacitors have an aging characteristic, whereby
the capacitor continually decreases its
capacitance slightly if the capacitor is left on
for a long time. Moreover, capacitance might change
greatly depending on the surrounding temperature or
an applied voltage. Therefore, it is not likely to be
suitable for use in a time constant circuit.
Please contact us if you need detailed information.
3. DEH/DES Series
Capacitance might change greatly depending on the
surrounding temperature or an applied voltage.
Therefore, it is not likely to be suitable for use in a
time constant circuit. Please contact us if you need
detailed information.


Numéro de pièce similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2A MURATA-DEBB33A102KA2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Description similaire - DEBB33A102KA2B

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com