Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DE2B3KY331KA2BM01 Fiches technique(PDF) 70 Page - Murata Manufacturing Co., Ltd.

No de pièce DE2B3KY331KA2BM01
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KY331KA2BM01 Fiches technique(HTML) 70 Page - Murata Manufacturing Co., Ltd.

Back Button DE2B3KY331KA2BM01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 83 page
background image
C85E.pdf
Jul.13,2011
68
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Safety Standard Certified Ceramic Capacitors for Automotive
Type KJ -IEC60384-14 Class X1, Y2-
s Features
1. Capacitors designed for AC line filters for PHEV/EV.
2. Meet AEC-Q200
3. Heat cycle: 1000cycle (-55/+125 deg.)
4. Class X1/Y2 capacitors certified by UL/ENEC(VDE).
5. Rated Voltage: AC300V
6. Coated with flame-retardant epoxy resin
(conforming to UL94V-0 standard).
7. Available product for RoHS Restriction
(EU Directive 2002/95/EC).
8. Taping available for automatic insertion.
s Applications
1. Ideal for use as Y capacitors for AC line filters
and primary-secondary coupling on battery chargers
for PHEV/EV.
2. Ideal for use as a filter capacitor for DC-DC
converters for PHEV/EV and HEV.
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Long (A3)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B3
Up to the end of crimp
ød
0.6
±0.05
[Bulk]
Vertical Crimp Short (B3)
s Standard Certification
Standard No.
Rated Voltage
Certified No.
UL
ENEC (VDE)
E37921
40031217
AC300V(r.m.s.)
UL 60384-14
EN 60384-14
s Marking
t Manufactured Date Code
Class Code
X1Y2
Rated Voltage Mark
300~
e Capacitance Tolerance
w Nominal Capacitance
(Marked with 3 figures)
q Type Designation KJ
r Company Name Code
: Made in Thailand
472M
KJ300~
X1 Y2
15
1D
q
w
e
r
t
Example
Item
15
Part Number
AC Rated
Voltage
(Vac)
Temp.
Char.
Capacitance
(pF)
Body
Dia. D
(mm)
Lead
Spacing F
(mm)
Body
Thickness T
(mm)
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping (1)
DE6B3KJ101Kppp
300
B
100
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6B3KJ151Kppp
300
B
150
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6B3KJ221Kppp
300
B
220
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6B3KJ331Kppp
300
B
330
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6B3KJ471Kppp
300
B
470
±10%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6B3KJ681Kppp
300
B
680
±10%
9 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6E3KJ102Mppp
300
E
1000
±20%
7 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6E3KJ152Mppp
300
E
1500
±20%
8 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6E3KJ222Mppp
300
E
2200
±20%
9 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6E3KJ332Mppp
300
E
3300
±20%
10 max.
7.5
7.0 max.
A3B
B3B
N3A
DE6E3KJ472Mppp
300
E
4700
±20%
12 max.
7.5
7.0 max.
A3B
B3B
N3A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KJ) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.


Numéro de pièce similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA2BM01 MURATA1-DE2B3KY331KA2BM01 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2B3KY331KA2BM01F MURATA1-DE2B3KY331KA2BM01F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results

Description similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com