Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU31TD3WG-XTR Fiches technique(PDF) 2 Page - Rohm

No de pièce BU31TD3WG-XTR
Description  High accuracy detection, low current consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU31TD3WG-XTR Fiches technique(HTML) 2 Page - Rohm

  BU31TD3WG-XTR Datasheet HTML 1Page - Rohm BU31TD3WG-XTR Datasheet HTML 2Page - Rohm BU31TD3WG-XTR Datasheet HTML 3Page - Rohm BU31TD3WG-XTR Datasheet HTML 4Page - Rohm BU31TD3WG-XTR Datasheet HTML 5Page - Rohm BU31TD3WG-XTR Datasheet HTML 6Page - Rohm BU31TD3WG-XTR Datasheet HTML 7Page - Rohm BU31TD3WG-XTR Datasheet HTML 8Page - Rohm BU31TD3WG-XTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
2/9
17.JAN.2013.Rev.001
BUxxTD3WG series
Datasheet
●Connection Diagram
SSOP5
●Pin Descriptions
SSOP5
PIN No.
Symbol
Function
1
VIN
Power Supply Voltage
2
GND
Grouding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
N.C.
Unconnected Terminal
5
VOUT
Output Voltage
●Ordering Information
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
Lot. No
TOP VIEW
VIN
GND STBY
N.C.
VOUT
Marking
BU
x
x
T
D
3
W
G
-
T
R
Part
Output Voltage
Series
with
Package
Halogen Free
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
output discharge G : SSOP5
G : compatible
Embossed tape and reel
200mA
Blank : incompatible
TR : The pin number 1 is the upper right
34 : 3.4V


Numéro de pièce similaire - BU31TD3WG-XTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU31TD3WG-XTR ROHM-BU31TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Description similaire - BU31TD3WG-XTR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Seiko Instruments Inc
S1009 SII-S1009 Datasheet
661Kb / 43P
   SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Leshan Radio Company
LR6230 LRC-LR6230_15 Datasheet
617Kb / 10P
   Low Consumption Current High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com