Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU23TD2WNVX-XTL Fiches technique(PDF) 7 Page - Rohm

No de pièce BU23TD2WNVX-XTL
Description  high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU23TD2WNVX-XTL Fiches technique(HTML) 7 Page - Rohm

Back Button BU23TD2WNVX-XTL Datasheet HTML 3Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 4Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 5Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 6Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 7Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 8Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 9Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 10Page - Rohm BU23TD2WNVX-XTL Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300050-1-2
TSZ22111・15・001
7/9
7.FEB.2013.Rev.001
BUxxTD2WNVX series
Datasheet
●Reference data
BU18TD2WNVX (Ta=25ºC unless otherwise specified.)
Fig 22.
Start Up Time
Iout=0mA
1.0
0.0
2.0
1.0
2.0
0.0
STBY=0→1.5V
Fig 23.
Start Up Time
Iout=200mA
1.0
2.0
0.0
1.0
0.0
2.0
STBY=0→1.5V
Fig 24.
Start Up Time
(VIN=STBY) Iout=0mA
Iout=0mA
1.0
0.0
2.0
2.0
4.0
0.0
VIN=STBY=0→2.8V
Fig 25.
Start Up Time
(VIN=STBY) Iout=200mA
1.0
0.0
2.0
2.0
4.0
0.0
VIN=STBY=2.8→0V
Fig 26.
Discharge Time
1.0
0.0
2.0
1.0
2.0
0.0
STBY=1.5→0V
Fig 27.
VIN Response
1.80
1.79
1.78
1.81
3.8
4.8
2.8
VIN=2.8V→3.8V→2.8V


Numéro de pièce similaire - BU23TD2WNVX-XTL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU23TD2WNVX ROHM-BU23TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
More results

Description similaire - BU23TD2WNVX-XTL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com