Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1M Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce ES1M
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES1M Fiches technique(HTML) 3 Page - Micro Commercial Components

  ES1M Datasheet HTML 1Page - Micro Commercial Components ES1M Datasheet HTML 2Page - Micro Commercial Components ES1M Datasheet HTML 3Page - Micro Commercial Components ES1M Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES1A thru ES1M
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
MCC
TM
Micro Commercial Components
0.1
1.0
10
100
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100
°C
j
T = 25
°C
j
Figure 5
Typical Reverse Characteristics
Figure 7
New SMA Assembly
Round Lead
Process
Revision: C
2013/01/01
www.mccsemi.com
3 of 4


Numéro de pièce similaire - ES1M

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
ES1M MCC-ES1M Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
GOOD-ARK Electronics
ES1M GOOD-ARK-ES1M Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Silicon Standard Corp.
ES1M SSC-ES1M Datasheet
266Kb / 3P
   SUPER FAST SURFACE MOUNT RECTIFIERS
logo
Shenzhen Jin Yu Semicon...
ES1M HTSEMI-ES1M Datasheet
436Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
ES1M WINNERJOIN-ES1M Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
More results

Description similaire - ES1M

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A-TP MCC-ES1A-TP Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM11PL MCC-UFM11PL Datasheet
249Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_13 Datasheet
203Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM16PL-TP MCC-UFM16PL-TP Datasheet
303Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
   1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com