Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DEHR33A102KN2A Datasheet(Fiches technique) 79 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DEHR33A102KN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 
 79 page
background image
C85E.pdf
Jul.13,2011
Continued from the preceding page.
When the withstanding voltage is applied, the capacitor's
lead or terminal should be firmly connected to the output
of the withstanding voltage test equipment, and then the
voltage should be raised from near zero to the test
voltage.
If the test voltage without the raise from near zero voltage
would be applied directly to capacitor, test voltage should
be applied with the zero cross.* At the end of the test
time, the test voltage should be reduced to near zero,
and then capacitor's lead or terminal should be taken off
the output of the withstanding voltage test equipment.
If the test voltage without the raise from near zero voltage
would be applied directly to capacitor, the surge voltage
may rise, and therefore, a defect may be caused.
*ZERO CROSS is the point where voltage sine wave
passes 0V. See the figure at right.
(2) Voltage Applied Method
0V
zero cross
Voltage sine wave
When the capacitor is broken, failure may result in a short
circuit. Be sure to provide an appropriate fail-safe
function like a fuse on your product if failure could result
in an electric shock, fire or fuming.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT
AND CAUSE FUMING OR PARTIAL DISPERSION
WHEN THE PRODUCT IS USED.
4. Fail-Safe
Safety Certified Ceramic Capacitors for Automotive !Caution
77
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl