Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DEHR33A102KN2A Datasheet(Fiches technique) 77 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DEHR33A102KN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

 77 page
background image
C85E.pdf
Jul.13,2011
Item
Pitch of component
Pitch of sprocket hole
Lead spacing
Length from hole center to component center
Length from hole center to lead
Body diameter
Deviation along tape, left or right
Carrier tape width
Position of sprocket hole
Lead distance between reference and bottom planes
Protrusion length
Diameter of sprocket hole
Lead diameter
Total tape thickness
Total thickness, tape and lead wire
Body thickness
Portion to cut in case of defect
Hold down tape width
Hold down tape position
Coating extension on lead
Deviation across tape, front
Deviation across tape, rear
P
P0
F
P2
P1
D
∆S
W
W1
H0
r
øD0
ød
t1
t2
T
L
W0
W2
e
∆h1
∆h2
15.0
±2.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
0
±2.0
See the individual product specifications.
18.0
±0.5
9.0
±0.5
2.0 max.
(in mm)
N3
Code
18.0
+2.0
–0
+0.5 to -1.0
4.0
±0.1
0.6
±0.3
1.5 max.
7.0 max.
11.0
11.5 min.
1.5
±1.5
+0
–1.0
15mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code: N3)
0.6
±0.05
P1
P2
P0
P
D
∆S
F
ød
øD0
R
t2
t1
Up to the end of crimp
3.0 max.
H0
s Taping Specifications
T max.
∆h1
∆h2
O
Marked side
Taping
Bulk
Polyethylene Bag
Ammo Pack
s Packaging Styles
s Minimum Quantity (Order in Sets Only)
7 to 10
12
Body Dia. D
(mm)
250
200
Lead Code
A3
500
250
Lead Code
B3
Long
Short
[Bulk]
(pcs./Bag)
[Taping]
Lead Code: N3
700pcs./Ammo Pack
Safety Certified Ceramic Capacitors for Automotive Packaging
75
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl