Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEHR33A102KN2A Fiches technique(PDF) 58 Page - Murata Manufacturing Co., Ltd.

No de pièce DEHR33A102KN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEHR33A102KN2A Fiches technique(HTML) 58 Page - Murata Manufacturing Co., Ltd.

Back Button DEHR33A102KN2A Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
C85E.pdf
Jul.13,2011
*
1 "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*
2 "C" expresses nominal capacitance value (pF).
Apply 6.3kVp-p at the frequency in the Table for 1000+48/-0
hrs. at 105
±2°C with a relative humidity of 50% max.
(Charge/Discharge current
V50mA.)
<Frequency>
Post-treatment: Capacitor should be stored for 1 to 2 hrs. at
room condition.*
1
16
Life
Appearance
No marked defect
Q
200+10C*
2min. (10pF under)
275+5/2C*
2min. (10pF min. and 30pF under)
350 min. (30pF min.)
Capacitance
Change
Within
±3%
I.R.
2000M
Ω min.
Set the capacitor for 500 +24/-0 hrs. at 40
±2°C in 90 to 95%
relative humidity.
Post-treatment: Capacitor should be stored for 1 to 2 hrs. at
room condition.*
1
15
Humidity (Under
Steady State)
Appearance
No marked defect
Q
200+10C*
2min. (10pF under)
275+5/2C*
2min. (10pF min. and 30pF under)
350 min. (30pF min.)
Capacitance
Change
Within
±5%
I.R.
1000M
Ω min.
The capacitor should be subjected to 5 temperature cycles,
then consecutively to 2 immersion cycles.
<Temperature Cycle>
Cycle time: 5 cycles
<Immersion Cycle>
Cycle time: 2 cycles
Post-treatment: Capacitor should be stored for 4 to 24 hrs. at
room condition.*
1
14
Temperature
and Immersion
Cycle
Appearance
No marked defect
I.R.
2000M
Ω min.
Q
200+10C*
2min. (10pF under)
275+5/2C*
2min. (10pF min. and 30pF under)
350 min. (30pF min.)
Capacitance
Change
Within
±3%
Dielectric Strength
(Between Lead
Wires)
Per item 4.
First the capacitor should be
stored at 120+0/-5
°C for
60+0/-5 sec.
Then, as in the figure, the lead
wires should be immersed in
solder of 260+0/-5
°C up to 1.5 to
2.0mm from the root of terminal
for 7.5+0/-1 sec.
Post-treatment: Capacitor should be stored for 1 to 2 hrs. at
room condition.*
1
13
Soldering Effect
(On-Preheat)
Appearance
No marked defect
Capacitance
Change
Within
±2.5%
Dielectric Strength
(Between Lead
Wires)
Per item 4.
Capacitance (pF)
Frequency (kHz)
100
45
33
to 10
12 to 22
27 to 47
Step
Temperature (
°C)
-25
±3
Room Temp.
105
±3
Room Temp.
Time (min)
30
3
30
3
1
2
3
4
Step
Temperature (
°C)
65+5/-0
0
±3
Time (min)
15
15
Immersion Water
Clean water
Salt water
1
2
DEF Series (Only for LCD Backlight Inverter Circuit / 6.3kVp-p) Specifications and Test Methods
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,,,
,,,,,,
,
,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
Continued from the preceding page.
No.
Test Method
Specifications
Item
DEF Series Specifications and Test Methods
56
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DEHR33A102KN2A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Description similaire - DEHR33A102KN2A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com