Moteur de recherche de fiches techniques de composants électroniques |
|
LM2904AVQDR Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
LM2904AVQDR Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 30 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† T ‡ LM2904 UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP§ MAX UNIT Non A devices 25 °C 3 7 V Input offset voltage VCC = 5 V to MAX, V V Non-A devices Full range 10 mV VIO Input offset voltage VIC = VICR(min), VO = 1.4 V A suffix devices 25 °C 1 2 mV VO = 1.4 V A-suffix devices Full range 4 a V IO Average temperature coefficient of input offset voltage Full range 7 µV/°C Non V device 25 °C 2 50 I Input offset current V 14V Non-V device Full range 300 nA IIO Input offset current VO = 1.4 V V suffix device 25 °C 2 50 nA V-suffix device Full range 150 a I IO Average temperature coefficient of input offset current Full range 10 pA/ °C I Input bias current V 14V 25 °C −20 −250 nA IIB Input bias current VO = 1.4 V Full range −500 nA V Common-mode input voltage V 5VtoMAX 25 °C 0 to VCC − 1.5 V VICR Common mode input voltage range VCC = 5 V to MAX Full range 0 to VCC − 2 V RL ≥ 10 kΩ 25 °C VCC − 1.5 VCC = MAX, RL = 2 kΩ Full range 22 VOH High-level output voltage VCC = MAX, Non-V device RL ≥ 10 kΩ Full range 23 24 V VOH High level output voltage VCC = MAX, RL = 2 kΩ Full range 26 V VCC = MAX, V-suffix device RL ≥ 10 kΩ Full range 27 28 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 mV A Large-signal differential VCC = 15 V, VO = 1 V to 11 V, 25 °C 25 100 V/mV AVD Large signal differential voltage amplification VCC = 15 V, VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 15 V/mV CMRR Common mode rejection ratio VCC = 5 V to MAX, Non-V device 25 °C 50 80 dB CMRR Common-mode rejection ratio VCC = 5 V to MAX, VIC = VICR(min) V-suffix device 25 °C 65 80 dB kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VCC = 5 V to MAX 25 °C 65 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 dB VCC = 15 V, Source 25 °C −20 −30 mA VCC = 15 V, VID = 1 V, VO = 0 Source Full range −10 mA I Output current VCC = 15 V, V 1V Sink 25 °C 10 20 mA IO Output current VID = −1 V, VO = 15 V Sink Full range 5 mA VID = −1 V, Non-V device 25 °C 30 A VID = 1 V, VO = 200 mV V-suffix device 25 °C 12 40 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V, VO = 0 25 °C ±40 ±60 mA ICC Supply current (two amplifiers) VO = 2.5 V, No load Full range 0.7 1.2 mA ICC Supply current (two amplifiers) VCC = MAX, VO = 0.5 V, No load Full range 1 2 mA † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for the LM2904, 32 V for the LM2904V, and 30 V for others. ‡ Full range is −55 °C to 125°C for LM158, −25°C to 85°C for LM258, 0°C to 70°C for LM358, and −40°C to 125°C for LM2904. § All typical values are at TA = 25°C. |
Numéro de pièce similaire - LM2904AVQDR |
|
Description similaire - LM2904AVQDR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |