Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP91000 Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMP91000
Description  Cell Conditioning Current up to 10 mA, Supply Current (Average Over Time) <10 關A, Output Drive Current 750關A
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMP91000 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 14Page - Texas Instruments LMP91000 Datasheet HTML 15Page - Texas Instruments LMP91000 Datasheet HTML 16Page - Texas Instruments LMP91000 Datasheet HTML 17Page - Texas Instruments LMP91000 Datasheet HTML 18Page - Texas Instruments LMP91000 Datasheet HTML 19Page - Texas Instruments LMP91000 Datasheet HTML 20Page - Texas Instruments LMP91000 Datasheet HTML 21Page - Texas Instruments LMP91000 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LMP91000
SNAS506H – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Bit
Name
Function
BIAS selection (Percentage of the source reference)
0000 0% (default)
0001 1%
0010 2%
0011 4%
0100 6%
0101 8%
[3:0]
BIAS
0110 10%
0111 12%
1000 14%
1001 16%
1010 18%
1011 20%
1100 22%
1101 24%
MODECN -- Mode Control Register (address 0x12)
The Parameters in the Mode register allow the configuration of the Operation Mode of the LMP91000.
Bit
Name
Function
Shorting FET feature
7
FET_SHORT
0 Disabled (default)
1 Enabled
[6:3]
RESERVED
Mode of Operation selection
000 Deep Sleep (default)
001 2-lead ground referred galvanic cell
[2:0]
OP_MODE
010 Standby
011 3-lead amperometric cell
110 Temperature measurement (TIA OFF)
111 Temperature measurement (TIA ON)
When the LMP91000 is in Temperature measurement (TIA ON) mode, the output of the temperature sensor is
present at the VOUT pin, while the output of the potentiostat circuit is available at pin C2.
GAS SENSOR INTERFACE
The LMP91000 supports both 3-lead and 2-lead gas sensors. Most of the toxic gas sensors are amperometric
cells with 3 leads (Counter, Worker and Reference). These leads should be connected to the LMP91000 in the
potentiostat topology. The 2-lead gas sensor (known as galvanic cell) should be connected as simple buffer
either referred to the ground of the system or referred to a reference voltage. The LMP91000 support both
connections for 2-lead gas sensor.
3-lead Amperometric Cell In Potentiostat Configuration
Most of the amperometric cell have 3 leads (Counter, Reference and Working electrodes). The interface of the 3-
lead gas sensor to the LMP91000 is straightforward, the leads of the gas sensor need to be connected to the
namesake pins of the LMP91000.
The LMP91000 is then configured in 3-lead amperometric cell mode; in this configuration the Control Amplifier
(A1) is ON and provides the internal zero voltage and bias in case of biased gas sensor. The transimpedance
amplifier (TIA) is ON, it converts the current generated by the gas sensor in a voltage, according to the
transimpedance gain:
Gain=RTIA
If different gains are required, an external resistor can be connected between the pins C1 and C2. In this case
the internal feedback resistor should be programmed to “external”. The RLoad together with the output
capacitance of the gas sensor acts as a low pass filter.
18
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP91000


Numéro de pièce similaire - LMP91000

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91000 TI1-LMP91000 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
logo
National Semiconductor ...
LMP91000SD NSC-LMP91000SD Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000SD TI1-LMP91000SD Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
More results

Description similaire - LMP91000

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
logo
Texas Instruments
PTH05000WAD TI-PTH05000WAD Datasheet
401Kb / 14P
[Old version datasheet]   Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
Infineon Technologies A...
ILD6070 INFINEON-ILD6070 Datasheet
1Mb / 24P
   Capable to provide up to 0.7 A average output current
ILD6150 INFINEON-ILD6150 Datasheet
1Mb / 25P
   Capable to provide up to 1.5 A average output current
logo
Analog Devices
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
   10關A Supply Current Low IB, Zero-Drift Operational Amplifier
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
STMicroelectronics
STLQ50XX STMICROELECTRONICS-STLQ50XX Datasheet
334Kb / 18P
   50 mA, 3 關A supply current low drop linear regulator
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com