Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4950TSX-NOPB Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM4950TSX-NOPB
Description  LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4950TSX-NOPB Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM4950TSX-NOPB Datasheet HTML 2Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 3Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 4Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 5Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 6Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 7Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 8Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 9Page - Texas Instruments LM4950TSX-NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM4950
SNAS174E – JULY 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
Figure 5. VDD = 12V, RL = 8Ω
Figure 6. VDD = 12V, RL = 8Ω
BTL operation, POUT = 1W
BTL operation, POUT = 3W
THD+N vs Frequency
THD+N vs Frequency
Figure 7. VDD = 12V, RL = 8Ω
Figure 8. VDD = 12V, RL = 8Ω
BTL operation, POUT = 5W
BTL operation, BTLAV = 20, POUT = 1W
THD+N vs Frequency
THD+N vs Frequency
Figure 9. VDD = 12V, RL = 8Ω
Figure 10. VDD = 12V, RL = 8Ω
BTL operation, BTLAV = 20, POUT = 3W
BTL operation, BTLAV = 20, POUT = 5W
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4950


Numéro de pièce similaire - LM4950TSX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4950TS NSC-LM4950TS Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
More results

Description similaire - LM4950TSX-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Panasonic Semiconductor
AN7134NR PANASONIC-AN7134NR Datasheet
273Kb / 5P
   DUAL 7.5W AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com