Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT619TA Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce FMMT619TA
Description  50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT619TA Fiches technique(HTML) 2 Page - Diodes Incorporated

  FMMT619TA Datasheet HTML 1Page - Diodes Incorporated FMMT619TA Datasheet HTML 2Page - Diodes Incorporated FMMT619TA Datasheet HTML 3Page - Diodes Incorporated FMMT619TA Datasheet HTML 4Page - Diodes Incorporated FMMT619TA Datasheet HTML 5Page - Diodes Incorporated FMMT619TA Datasheet HTML 6Page - Diodes Incorporated FMMT619TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FMMT619
Document number: DS33236 Rev. 8 - 2
2 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT619
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
2
A
Peak Pulse Current
ICM
6
A
Base Current
IB
500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
625
mW
Power Dissipation (Note 7)
PD
806
mW
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
200
°C/W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
155
°C/W
Thermal Resistance, Junction to Leads (Note 8)
RθJL
194
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions; the device is measured
when operating in a steady-state condition.
7. Same as note 6, except the device is measured at t
≤ 5 sec.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).


Numéro de pièce similaire - FMMT619TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
More results

Description similaire - FMMT619TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
   50V NPN LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
   100V NPN LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com