Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5V41064NLGI8 Fiches technique(PDF) 8 Page - Integrated Device Technology

No de pièce 5V41064NLGI8
Description  1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41064NLGI8 Fiches technique(HTML) 8 Page - Integrated Device Technology

Back Button 5V41064NLGI8 Datasheet HTML 4Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 5Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 9Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 10Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 11Page - Integrated Device Technology 5V41064NLGI8 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IDT5V41064
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT® 1 OUTPUT PCIE GEN1/2 SYNTHESIZER
8
IDT5V41064
REV G 112111
AC Electrical Characteristics - CLK/CLK
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
° C
1 Test setup is R
S=33 ohms RP=50 ohms with 2 pF, RR = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
Electrical Characteristics - Differential Phase Jitter
Note 1. Guaranteed by design and characterization, not 100% tested in production.
Note 2. See http://www.pcisig.com for complete specs.
Note 3: Applies to 100MHz, spread off and 0.5% down spread only.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
100
MHz
Output High Voltage1,2
VOH
660
700
850
mV
Output Low Voltage1,2
VOL
-150
0
27
mV
Crossing Point Voltage1,2
Absolute
250
350
550
mV
Crossing Point Voltage1,2,4
Variation over all edges
40
140
mV
Jitter, Cycle-to-Cycle1,3
25
100
ps
Rise Time1,2
tOR
From 0.175 V to 0.525 V
175
332
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V
175
344
700
ps
Rise/Fall Time Variation1,2
75
125
ps
Duty Cycle1,3
45
51
55
%
Stabilization Time
tSTABLE
From power-up VDD=3.3 V
1.2
3.0
ms
Spread Change Time
tSPREAD
Settling period after spread change
3.0
ms
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Jitter, Phase
tjphasePLL
PCIe Gen1
30
86
ps (p-p)
1,2,3
tjphaseLO
PCIe Gen2, 10 kHz < f < 1.5 MHz
1.2
3
ps (RMS)
1,2,3
tjphaseHIGH PCIe Gen2, 1.5 MHz < f < Nyquist (50 MHz)
1.9
3.1
ps (RMS)
1,2,3
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
63.2
° C/W
θJA
1 m/s air flow
55.9
° C/W
θJA
2 m/s air flow
53.1
° C/W
θJA
3 m/s air flow
51.4
° C/W
Thermal Resistance Junction to Case
θJC
65.8
° C/W


Numéro de pièce similaire - 5V41064NLGI8

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
5V41064NLGI8 RENESAS-5V41064NLGI8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results

Description similaire - 5V41064NLGI8

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com