Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5V41064NLG Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 5V41064NLG
Description  1 OUTPUT PCIE GEN1/2 SYNTHESIZER Spread-spectrum capable; reduces EMI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41064NLG Fiches technique(HTML) 1 Page - Integrated Device Technology

  5V41064NLG Datasheet HTML 1Page - Integrated Device Technology 5V41064NLG Datasheet HTML 2Page - Integrated Device Technology 5V41064NLG Datasheet HTML 3Page - Integrated Device Technology 5V41064NLG Datasheet HTML 4Page - Integrated Device Technology 5V41064NLG Datasheet HTML 5Page - Integrated Device Technology 5V41064NLG Datasheet HTML 6Page - Integrated Device Technology 5V41064NLG Datasheet HTML 7Page - Integrated Device Technology 5V41064NLG Datasheet HTML 8Page - Integrated Device Technology 5V41064NLG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41064
IDT® 1 OUTPUT PCIE GEN1/2 SYNTHESIZER
1
IDT5V41064
REV G 112111
Recommended Applications
One output synthesizer for PCIe Gen1/2
General Description
The IDT5V41064 is a PCIe Gen2 compliant spread
spectrum capable clock generator. The device has 1
differential HCSL output and can be used in communication
or embedded systems to subtantially reduce
electro-magnetic interference (EMI). Spread spectrum can
be enabled via a select pin.
Output Features
1 - 0.7V current mode differential HCSL output pairs
Features/Benefits
16-pin QFN package; very small board footprint
Spread-spectrum capable; reduces EMI
Outputs can be terminated to LVDS; can drive a wider
variety of devices
Spread enable via pin selection; no software required to
configure device
Industrial temperature range available; supports
demanding embedded applications
For PCIe Gen3 applications, see the 5V41234
Key Specifications
Cycle-to-cycle jitter < 100 ps
PCIe Gen2 phase jitter < 3.0ps RMS
Block Diagram
Phase Lock
Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X2
25 MHz
crystal /clock
CLK
CLK
R
R (IREF)
X1
Crystal Tuning Capacitors
Control
Logic
SS1


Numéro de pièce similaire - 5V41064NLG

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
5V41064NLG RENESAS-5V41064NLG Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLG8 RENESAS-5V41064NLG8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLGI RENESAS-5V41064NLGI Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41064NLGI8 RENESAS-5V41064NLGI8 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results

Description similaire - 5V41064NLG

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com