Moteur de recherche de fiches techniques de composants électroniques |
|
CS1W-RPT03 Fiches technique(PDF) 11 Page - Omron Electronics LLC |
|
CS1W-RPT03 Fiches technique(HTML) 11 Page - Omron Electronics LLC |
11 / 70 page Provides an exceptionally open environment with PLC-based process control to advance standardization and IT integration of the process control system. Ethernet Flowrate control (blended PID control) Personal computer Materials tanks Product tanks Flowrate Control outputs Intermediate tank Motor Motor Motor Motor Motor A B A B C Monitor display (data collection and saving) Drying equipment Ethernet SYSMAC CS1 Duplex (CS1D Process-control CPU Unit) Reaction control Personal computer Monitor display (data collection and saving) F-20 F-21 PLC-based Process Control Application Examples ● In-line Blending in a Food Plant ● Reaction Control in a Chemical Plant Smart Process Control OMRON PLC-based Process Control brings Major Innovations to Process Automation 99 Diversified Loop Control is even easier to use. Programming becomes even easier with function-block programming. PID1 PID2 Temperature Temperature Steam Split conversion PV1 PV2 MV2 MV1 RSP1 With Function Blocks: Isolated-type Ai4 Terminal Isolated-type Ao4 Terminal Y1 Y2 Y3 Y4 PID2 PID1 ● Example: Cascade Control (Heating and Cooling) Analog Input Unit Analog Output Unit Loop Control Unit Heat exchange Cooling water Drain Basic PID SP Y1 MV PV PVE RSP MIE MVE Split Conversion Y1 Y2 X1 Basic PID SP Y1 MV PV PVE RSP MIE MVE X1 X2 X3 X4 Y1 Y2 Y3 Y4 Depending on the function block software connections, all functions such as operation block I/O combination specification can be achieved using only function blocks. Moreover, combining function blocks makes possible a wide array of control methods, from basic PID control to cascade control, feed forward control, and variable gain control. Ethernet/Controller Link Touch Panels ● NS Series Operation, Monitoring, and Data Logging PLC (CS Series) PLC (CS1 Duplex) User Application HMI Software Down Sizing Down Sizing Easy Engineering Easy Engineering High Reliability High Reliability ● CX-Process Monitor Plus SYSMAC CS1 PLC with advanced Loop Control Board ● DCS functionality in a PLC ● Analog Units with signal conversion functions ● A scalable system configuration ● Duplex operation supported ● Complete maintenance functions ● Function block programming ● Sequence programming using either step ladders or sequence tables ● A direct link to HMI products ● Compolet Communications programming between a PC and PLC can be accomplished easily with ActiveX control. ● NS Runtime You can communicate with the PLC using the screen data created with the NS-series Support Software without modification. ● CS1D Process-control CPU Unit Duplex Process-control CPU Unit can help reduce risk in systems that must not stop. ● Process I/O Units Analog I/O Units are available for diverse functions such as Isolators, power supplies, and signal conversion. ● Loop Control Board/Unit Condenses DCS functions in a compact Unit and enables function-block programming. ● CX-Process Tool Function blocks can be pasted into windows and graphic programming can be performed by arranging blocks with the mouse. |
Numéro de pièce similaire - CS1W-RPT03 |
|
Description similaire - CS1W-RPT03 |