Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT163373PV Fiches technique(PDF) 2 Page - Integrated Device Technology |
|
74FCT163373PV Fiches technique(HTML) 2 Page - Integrated Device Technology |
2 / 7 page 2 INDUSTRIALTEMPERATURERANGE IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH Symbol Description Max Unit VTERM(2) Terminal Voltage with Respect to GND –0.5 to +4.6 V VTERM(3) Terminal Voltage with Respect to GND –0.5 to 7 V VTERM(4) Terminal Voltage with Respect to GND –0.5 to VCC+0.5 V TSTG Storage Temperature –65 to +150 ° C IOUT DC Output Current –60 to +60 mA ABSOLUTE MAXIMUM RATINGS(1) NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. Input terminals. 4. Outputs and I/O terminals. Symbol Parameter (1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 3.5 6 pF COUT Output Capacitance VOUT = 0V 3.5 8 pF CAPACITANCE (TA = +25°C, F = 1.0MHz) NOTE: 1. This parameter is measured at characterization but not tested. PIN CONFIGURATION SSOP/ TSSOP TOP VIEW Pin Names Description xDx DataInputs xLE Latch Enable Input (Active HIGH) x OE Output Enable Input (Active LOW) x O x 3-StateOutputs PIN DESCRIPTION FUNCTION TABLE(1) Inputs Outputs xDx xLE x OE xBx HHL H LH L L XL L O(2) XX H Z NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care Z = High-Impedance 2. Output level before the indicated steady-state input conditions were established. 1 O1 GND 1 O3 VCC 1 OE GND 2 O2 GND VCC GND 1 O2 1 O4 1 O5 1 O6 1 O7 1 O8 2 O1 2 O3 2 O4 2 O5 2 O7 2 O8 2 O6 2 OE 1 LE 1 D1 1 D2 GND 1 D3 1 D4 VCC 1 D5 1 D6 1 D7 1 D8 2 D1 2 D2 2 D3 2 D4 VCC 2 D5 2 D7 2 D8 2 D6 2 LE GND GND GND 39 29 30 31 32 33 34 35 36 37 38 25 26 27 28 48 47 41 42 43 44 45 46 40 1 2 3 4 5 6 7 8 9 10 12 13 14 15 16 17 18 19 20 11 21 22 23 24 |
Numéro de pièce similaire - 74FCT163373PV |
|
Description similaire - 74FCT163373PV |