Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM193-N Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM193-N
Description  The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM193-N Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM193-N Datasheet HTML 4Page - Texas Instruments LM193-N Datasheet HTML 5Page - Texas Instruments LM193-N Datasheet HTML 6Page - Texas Instruments LM193-N Datasheet HTML 7Page - Texas Instruments LM193-N Datasheet HTML 8Page - Texas Instruments LM193-N Datasheet HTML 9Page - Texas Instruments LM193-N Datasheet HTML 10Page - Texas Instruments LM193-N Datasheet HTML 11Page - Texas Instruments LM193-N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
The LM193 series are high gain, wide bandwidth devices which, like most comparators, can easily oscillate if the
output lead is inadvertently allowed to capacitively couple to the inputs via stray capacitance. This shows up only
during the output voltage transition intervals as the comparator change states. Power supply bypassing is not
required to solve this problem. Standard PC board layout is helpful as it reduces stray input-output coupling.
Reducing the input resistors to < 10 k
Ω reduces the feedback signal levels and finally, adding even a small
amount (1.0 to 10 mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to
stray feedback are not possible. Simply socketing the IC and attaching resistors to the pins will cause input-
output oscillations during the small transition intervals unless hysteresis is used. If the input signal is a pulse
waveform, with relatively fast rise and fall times, hysteresis is not required.
All input pins of any unused comparators should be tied to the negative supply.
The bias network of the LM193 series establishes a drain current which is independent of the magnitude of the
power supply voltage over the range of from 2.0 VDC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ without damaging the device(1). Protection should be
provided to prevent the input voltages from going negative more than
−0.3 VDC (at 25°C). An input clamp diode
can be used as shown in Typical Applications.
The output of the LM193 series is the uncommitted collector of a grounded-emitter NPN output transistor. Many
collectors can be tied together to provide an output OR'ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted supply voltage range and there is no restriction on this
voltage due to the magnitude of the voltage which is applied to the V+ terminal of the LM193 package. The
output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used). The amount of
current which the output device can sink is limited by the drive available (which is independent of V+) and the
β
of this device. When the maximum current limit is reached (approximately 16mA), the output transistor will come
out of saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60
Ω rSAT of the output transistor. The low offset voltage of the output transistor (1.0mV) allows the
output to clamp essentially to ground level for small load currents.
Typical Applications
(V
+=5.0 V
DC)
Figure 17. Basic Comparator
Figure 18. Driving CMOS
(1)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Numéro de pièce similaire - LM193-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI-LM193-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
More results

Description similaire - LM193-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM139-N TI-LM139-N Datasheet
1Mb / 30P
[Old version datasheet]   The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
   This specification consists of two doucuments as follows
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Marl International Limi...
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com