Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM26LV Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM26LV
Description  The LM26LV/LM26LV-Q1 is a low-voltage, precision, dual-output, low-power temperature switch and temperature sensor.
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM26LV Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM26LV Datasheet HTML 7Page - Texas Instruments LM26LV Datasheet HTML 8Page - Texas Instruments LM26LV Datasheet HTML 9Page - Texas Instruments LM26LV Datasheet HTML 10Page - Texas Instruments LM26LV Datasheet HTML 11Page - Texas Instruments LM26LV Datasheet HTML 12Page - Texas Instruments LM26LV Datasheet HTML 13Page - Texas Instruments LM26LV Datasheet HTML 14Page - Texas Instruments LM26LV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
VTEMP Supply-Noise Rejection
Line Regulation
vs.
VTEMP vs. Supply Voltage
Frequency
Gain 1: For Trip Points 0 - 69°C
Figure 16.
Figure 17.
Line Regulation VTEMP vs. Supply Voltage
Line Regulation VTEMP vs. Supply Voltage
Gain 2: For Trip Points 70 - 109°C
Gain 3: For Trip Points 110 - 129°C
Figure 18.
Figure 19.
Line Regulation VTEMP vs. Supply Voltage
Gain 4: For Trip Points 130 - 150°C
Figure 20.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26LV


Numéro de pièce similaire - LM26LV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM26LV TI1-LM26LV Datasheet
1Mb / 33P
[Old version datasheet]   1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM26LV-Q1 TI1-LM26LV-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
logo
National Semiconductor ...
LM26LVCISD NSC-LM26LVCISD Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
More results

Description similaire - LM26LV

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Texas Instruments
ALM2402-Q1 TI1-ALM2402-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   The ALM2402-Q1 is a dual high voltage
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com