Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14202EXTTZE Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LMZ14202EXTTZE
Description  LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202EXTTZE Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LMZ14202EXTTZE Datasheet HTML 3Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 4Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 5Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 6Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 7Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 8Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 9Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 10Page - Texas Instruments LMZ14202EXTTZE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0
0.4
0.8
1.2
1.6
2
50
60
70
80
90
100
OUTPUT CURRENT (A)
1.5
1.2
1.8
2.5
85°C
0
0.4
0.8
1.2
1.6
2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
OUTPUT CURRENT (A)
1.2
1.8
85°C
2.5
1.5
0
0.3
0.6
0.9
1.2
1.5
1.8
0
0.4
0.8
1.2
1.6
2
25°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
0
0.4
0.8
1.2
1.6
2
25°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
LMZ14202EXT
www.ti.com
SNVS665E – JUNE 2010 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Efficiency 36V Input @ 25°C
Dissipation 36V Input @ 25°C
Figure 9.
Figure 10.
Efficiency 42V Input @ 25°C
Dissipation 42V Input @ 25°C
Figure 11.
Figure 12.
Efficiency 6V Input @ 85°C
Dissipation 6V Input @ 85°C
Figure 13.
Figure 14.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ14202EXT


Numéro de pièce similaire - LMZ14202EXTTZE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ14202EXTTZE TI1-LMZ14202EXTTZE Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZE/NOPB TI-LMZ14202EXTTZE/NOPB Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results

Description similaire - LMZ14202EXTTZE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com