Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ14201 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LMZ14201
Description  LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LMZ14201_13 Datasheet HTML 3Page - Texas Instruments LMZ14201_13 Datasheet HTML 4Page - Texas Instruments LMZ14201_13 Datasheet HTML 5Page - Texas Instruments LMZ14201_13 Datasheet HTML 6Page - Texas Instruments LMZ14201_13 Datasheet HTML 7Page - Texas Instruments LMZ14201_13 Datasheet HTML 8Page - Texas Instruments LMZ14201_13 Datasheet HTML 9Page - Texas Instruments LMZ14201_13 Datasheet HTML 10Page - Texas Instruments LMZ14201_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
0.075
0.15
0.225
0.3
0.375
0.45
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
1.5
1.8
1.2
2.5
3.3
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
1.8
1.2
1.5
3.3
2.5
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
LMZ14201
www.ti.com
SNVS649E – JANUARY 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Efficiency 36V Input @ 25°C
Dissipation 36V Input @ 25°C
Figure 9.
Figure 10.
Efficiency 42V Input @ 25°C
Dissipation 42V Input @ 25°C
Figure 11.
Figure 12.
Efficiency 6V Input @ 85°C
Dissipation 6V Input @ 85°C
Figure 13.
Figure 14.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ14201


Numéro de pièce similaire - LMZ14201_13

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Description similaire - LMZ14201_13

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com