Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRF154 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF154 Fiches technique(HTML) 1 Page - Motorola, Inc

  MRF154 Datasheet HTML 1Page - Motorola, Inc MRF154 Datasheet HTML 2Page - Motorola, Inc MRF154 Datasheet HTML 3Page - Motorola, Inc MRF154 Datasheet HTML 4Page - Motorola, Inc MRF154 Datasheet HTML 5Page - Motorola, Inc MRF154 Datasheet HTML 6Page - Motorola, Inc MRF154 Datasheet HTML 7Page - Motorola, Inc MRF154 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MRF154
MOTOROLA RF DEVICE DATA
The RF MOSFET Line
RF Power Field Effect Transistor
N–Channel Enhancement–Mode MOSFET
Designed primarily for linear large–signal output stages in the 2.0 – 100 MHz
frequency range.
• Specified 50 Volts, 30 MHz Characteristics
Output Power = 600 Watts
Power Gain = 17 dB (Typ)
Efficiency = 45% (Typ)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
125
Vdc
Drain–Gate Voltage
VDGO
125
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
60
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1350
7.7
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.13
°C/W
Handling and Packaging — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF154/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF154
600 W, 50 V, 80 MHz
N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 368–03, STYLE 2
(HOG PAC)
© Motorola, Inc. 1997
D
G
S
REV 2


Numéro de pièce similaire - MRF154

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MRF154 MACOM-MRF154 Datasheet
175Kb / 7P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results

Description similaire - MRF154

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com