Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7812 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 6Page - Texas Instruments AMC7812 Datasheet HTML 7Page - Texas Instruments AMC7812 Datasheet HTML 8Page - Texas Instruments AMC7812 Datasheet HTML 9Page - Texas Instruments AMC7812 Datasheet HTML 10Page - Texas Instruments AMC7812 Datasheet HTML 11Page - Texas Instruments AMC7812 Datasheet HTML 12Page - Texas Instruments AMC7812 Datasheet HTML 13Page - Texas Instruments AMC7812 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
PIN DESCRIPTIONS (continued)
PIN (QFN / HTQFP)
DESCRIPTION
NO.
NAME
54
AGND1
Analog ground
55
AGND2
Positive analog power for DAC6-OUT, DAC7-OUT, DAC8-OUT, DAC9-OUT, DAC10-OUT, DAC11-OUT, must
56
AVCC1
be tied to AVCC2
57
REF-OUT
Internal reference output
58
REF-DAC
DAC reference Input
59
DAC9-OUT
60
DAC10-OUT
Output of DAC channels 9, 10, and 11
61
DAC11-OUT
Global alarm. Open drain output. External 10k
Ω pull-up resistor required. This pin goes low (active) when one
62
ALARM
(or more) of the analog channels are out of range.
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-1 pin enter
a clear state, the DAC Latch is loaded with predefined code, and the output is set to the corresponding level.
63
DAC-CLR-1
However, the DAC-Data Register does not change. When the DAC goes back to normal operation, the DAC
Latch is loaded with the previous data from the DAC-Data Register and the output returns to the previous level,
regardless of the status of the SLDAC-n bit. When this pin is high, the DACs are in normal operation.
64
DGND2
Digital ground
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812


Numéro de pièce similaire - AMC7812

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI1-AMC7812B Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Description similaire - AMC7812

FabricantNo de pièceFiches techniqueDescription
logo
Bellnix Co.,Ltd.
PHV3.5W BELLNIX-PHV3.5W Datasheet
252Kb / 4P
   0V to 350V PHV Series
logo
Linear Technology
LTC1458 LINER-LTC1458_1 Datasheet
173Kb / 12P
   Quad 12-Bit Rail-to-RailvMicropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com