Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAY16-103F4LF Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CAY16-103F4LF
Description  Chip Resistor Arrays Resistance range: 10 ohms to 1 megohm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAY16-103F4LF Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CAY16-103F4LF Datasheet HTML 1Page - Bourns Electronic Solutions CAY16-103F4LF Datasheet HTML 2Page - Bourns Electronic Solutions CAY16-103F4LF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CAT/CAY 16 Series - Chip Resistor Arrays
Derating Curve
Ambient Temperature (˚C)
0
-55
0
70
125
20
40
60
80
100
Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
A’
B
C
D
E
F
CAT16-F4
0.40 ± 0.15
3.20 ± 0.20
0.80 ± 0.10
1.60 ± 0.20
0.50 ± 0.10
0.30 ± 0.15
(.016 ± .006)
(.126 ± .008)
(.032 ± .004)
(.063 ± .008)
(.020 ± .004)
(.012 ± .006)
CAT16-J4
0.40 ± 0.15
3.20 ± 0.20
0.80 ± 0.10
1.55 ± 0.25
0.50 ± 0.10
0.30 ± 0.20
(.016 ± .006)
(.126 ± .008)
(.032 ± ± .004) (.061 ± .0098)
(.020 ± .004)
(.012 ± .008)
CAY16-F4, -J4
0.50 ± 0.15
0.70 ± 0.10
3.20 ± 0.20
0.80 ± 0.05
1.60 ± 0.20
0.50 ± 0.10
0.30 ± 0.20
(.002 ± .006)
(.027 ± .004)
(.126 ± .008)
(.032 ± .002)
(.063 ± .008)
(.020 ± .004)
(.012 ± .008)
CAT16-J2
0.40 ± 0.15
1.60 ± 0.15
0.80 ± 0.05
1.60 ± 0.15
0.60 ± 0.15
0.30 ± 0.20
(.016 ± .006)
(.063 ± .006)
(.032 ± .002)
(.063 ± .006)
(.024 ± .006)
(.012 ± .008)
CAY16-J2
0.60 ± 0.15
1.60 ± 0.15
0.76 ± 0.10
1.60 ± 0.15
0.45 +0.15/-0.10
0.30 ± 0.20
(.024 ± .006)
(.063 ± .006)
(.030 ± .004)
(.063 ± .006)
(.018 +0.006/-0.004)
(.012 ± .008)
CAT16-F8, -J8
0.40 ± 0.15
6.40 ± 0.20
0.80 ± 0.15
1.60 ± 0.20
0.60 ± 0.15
0.30 ± 0.20
(.016 ± .006)
(.252 ± .008)
(.032 ± .006)
(.063 ± .008)
(.024 ± .006)
(.012 ± .008)
CAY16-J8
0.30 ± 0.15
0.30 ± 0.15
3.80 ± 0.20
0.50 ± 0.05
1.60 ± 0.20
0.50 ± 0.10
0.30 ± 0.15
(.012 ± .006)
(.012 ± .006)
(.15 ± .008)
(.02 ± .002)
(.063 ± .008)
(.02 ± .004)
(.012 ± .006)
Configurations
A
C
B
F
D
F
E
CAT16-F4, -J4
A
C
B
F
CAT16-J2
A
A'
C
B
F
CAY16-F4, -J4
A'
C
B
F
CAY16-J2
D
F
E
A
C
B
F
CAT16-F8, -J8
A
A'
C
B
F
CAY16-J8


Numéro de pièce similaire - CAY16-103F4LF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CAY16-103F4LF ETC1-CAY16-103F4LF Datasheet
97Kb / 3P
   CAT/CAY 16 Series-Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAY16-103F4LF BOURNS-CAY16-103F4LF Datasheet
320Kb / 4P
   Chip Resistor Arrays
CAY16-103F4LF BOURNS-CAY16-103F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-103F4LF BOURNS-CAY16-103F4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-103F4LF BOURNS-CAY16-103F4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results

Description similaire - CAY16-103F4LF

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CAY16-393J4LF BOURNS-CAY16-393J4LF Datasheet
535Kb / 3P
   Resistance range: 10 ohms to 1 megohm
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com