Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3831K50DQNR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3831K50DQNR
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3831K50DQNR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3831K50DQNR Datasheet HTML 1Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 2Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 3Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 4Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 5Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 6Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 7Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 8Page - Texas Instruments TPS3831K50DQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DBZ PACKAGE
SOT23-3
(TOP VIEW)
VDD
GND
RESET
1
2
3
TPS3839
DQN PACKAGE
1-mm
1-mm X2SON
(TOP VIEW)
´
NC
VDD
GND
RESET
1
2
3
4
Thermal
Pad
TPS3831
DQN PACKAGE
1-mm
1-mm X2SON
(TOP VIEW)
´
VDD
GND
RESET
1
2
3
4
Thermal
Pad
MR
VDD
RESET
GND
TPS383xK33
RST
Microprocessor
3.3 V
C1
0.1 F
m
MR
TPS3831
Only
TYPICAL APPLICATION
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
Ultralow Power, Supply Voltage Supervisor
Check for Samples: TPS3831, TPS3839
1
FEATURES
DESCRIPTION
The TPS3831 and TPS3839 (both referred to as the
2
Ultralow Supply Current: 150 nA (typ)
TPS383x) are ultralow current (150 nA, typical),
Operating Supply Voltage: 0.6 V to 6.5 V
voltage supervisory circuit that monitor a single
Valid Reset for VDD > 0.6 V
voltage. Both devices assert an active-low reset
signal whenever the VDD supply voltage drops below
Push-Pull RESET Output
the factory-trimmed reset threshold voltage. The reset
Factory-Trimmed Reset Threshold Voltages
output remains asserted for 200 ms (typical) after the
Temperature Range: –40°C to +85°C
VDD voltage rises above the threshold voltage. These
devices are designed to ignore fast transients on the
Packages: 1-mm × 1-mm X2SON or 3-Pin
VDD pin. Note that the TPS3831 includes a manual
SOT23
reset input.
APPLICATIONS
The ultralow current consumption of 150 nA makes
these voltage supervisors ideal for use in low-power
Portable and Battery-Powered Equipment
and portable applications. The TPS383x are specified
Industrial Equipment
to have the correct output logic state for supply
Cell Phones
voltages down to 0.6 V.
Glucose Monitors
The
TPS383x
feature
precision
factory-trimmed
Metering
threshold
voltages
and
extremely
low-power
operation. The TPS3831 is available is a 4-pin 1-mm
Televisions
× 1-mm (DQN) X2SON package. The TPS3839 is
available in a 3-pin SOT23 (DBZ) package or a 4-pin
1-mm × 1-mm (DQN) X2SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS3831K50DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3831K50DQNR TI1-TPS3831K50DQNR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Description similaire - TPS3831K50DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com