Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3831G18DQNT Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TPS3831G18DQNT Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 24 page DBZ PACKAGE SOT23-3 (TOP VIEW) VDD GND RESET 1 2 3 TPS3839 DQN PACKAGE 1-mm 1-mm X2SON (TOP VIEW) ´ NC VDD GND RESET 1 2 3 4 Thermal Pad TPS3831 DQN PACKAGE 1-mm 1-mm X2SON (TOP VIEW) ´ VDD GND RESET 1 2 3 4 Thermal Pad MR VDD RESET GND TPS383xK33 RST Microprocessor 3.3 V C1 0.1 F m MR TPS3831 Only TYPICAL APPLICATION TPS3831 TPS3839 www.ti.com SBVS193B – JUNE 2012 – REVISED APRIL 2013 Ultralow Power, Supply Voltage Supervisor Check for Samples: TPS3831, TPS3839 1 FEATURES DESCRIPTION The TPS3831 and TPS3839 (both referred to as the 2 • Ultralow Supply Current: 150 nA (typ) TPS383x) are ultralow current (150 nA, typical), • Operating Supply Voltage: 0.6 V to 6.5 V voltage supervisory circuit that monitor a single • Valid Reset for VDD > 0.6 V voltage. Both devices assert an active-low reset signal whenever the VDD supply voltage drops below • Push-Pull RESET Output the factory-trimmed reset threshold voltage. The reset • Factory-Trimmed Reset Threshold Voltages output remains asserted for 200 ms (typical) after the • Temperature Range: –40°C to +85°C VDD voltage rises above the threshold voltage. These devices are designed to ignore fast transients on the • Packages: 1-mm × 1-mm X2SON or 3-Pin VDD pin. Note that the TPS3831 includes a manual SOT23 reset input. APPLICATIONS The ultralow current consumption of 150 nA makes these voltage supervisors ideal for use in low-power • Portable and Battery-Powered Equipment and portable applications. The TPS383x are specified • Industrial Equipment to have the correct output logic state for supply • Cell Phones voltages down to 0.6 V. • Glucose Monitors The TPS383x feature precision factory-trimmed • Metering threshold voltages and extremely low-power operation. The TPS3831 is available is a 4-pin 1-mm • Televisions × 1-mm (DQN) X2SON package. The TPS3839 is available in a 3-pin SOT23 (DBZ) package or a 4-pin 1-mm × 1-mm (DQN) X2SON package. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2012–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPS3831G18DQNT |
|
Description similaire - TPS3831G18DQNT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |